Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-IDM-L35 Datasheet(PDF) 2 Page - Texas Instruments

Part # MDL-IDM-L35
Description  Intelligent Display Module with 3.5" Landscape Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MDL-IDM-L35 Datasheet(HTML) 2 Page - Texas Instruments

  MDL-IDM-L35 Datasheet HTML 1Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 2Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 3Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 4Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 5Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 6Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 7Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Intelligent Display Module with 3.5" Landscape Display
2
BOARD
DA T A
SHEET
Feature Summary
Highlighted capabilities of the MDL-IDM-L35 include:
Bright QVGA LCD Display with touch
Serial connectivity
Easy to customize – full source code and design files included
Flexible power supply options
Compact size simplifies system integration
Features
The MDL-IDM-L35 provides the following features:
LCD display
– 3.5” QVGA 320 x 240 pixels
–16-bit color
– White LED backlight
– 4-wire resistive touch panel
Serial communications
– UART serial port with RS232 signal levels
– UART serial port with TTL signal levels
– Default 115.2k,8,n,1 operation
Stellaris® microcontroller
– 32-bit ARM® Cortex™-M3
– 50 MHz operation
Memory
– 256 KB main flash memory
– 64 KB SRAM
– 168 KB image RAM
– microSD slot (typically 1 GB storage)
Power-supply options
– 5 V DC jack
– 5 V Terminal block
– 5 V Serial header
Peripherals
– Four analog measurement inputs
– 16 digital I/O lines
– Magnetic buzzer, PWM controlled
Software
– Example applications included
– Supports development tools from Keil, IAR, Code Sourcery, and Code Red
Technologies
– Stellaris® Graphics Library


Similar Part No. - MDL-IDM-L35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
Intelligent Display Module with
MDL-IDM-L35-B ETC2-MDL-IDM-L35-B Datasheet
347Kb / 8P
Intelligent Display Module with
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com