Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-IDM-L35 Datasheet(PDF) 1 Page - Texas Instruments

Part # MDL-IDM-L35
Description  Intelligent Display Module with 3.5" Landscape Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MDL-IDM-L35 Datasheet(HTML) 1 Page - Texas Instruments

  MDL-IDM-L35 Datasheet HTML 1Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 2Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 3Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 4Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 5Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 6Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 7Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
BOARD
DA T A
SHEET
Intelligent Display Module with 3.5" Landscape Display
1
Intelligent Display Module with
3.5" Landscape Display
Ordering Information
Contents
General Description . . . . . . . . . . . . . . . . . . . . 1
Feature Summary . . . . . . . . . . . . . . . . . . . . . . 2
Module Block Diagram . . . . . . . . . . . . . . . . . . 3
Operational Specifications . . . . . . . . . . . . . . 3
Power . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Wiring . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
Software Development . . . . . . . . . . . . . . . . . . 5
Programming the MDL-IDM-L35 . . . . . . . . . . 6
Reference Design Kit Contents . . . . . . . . . . . 6
Mechanical Installation . . . . . . . . . . . . . . . . . 6
Additional Information . . . . . . . . . . . . . . . . . . 7
General Description
The Stellaris® Intelligent Display Module with 3.5" Landscape Display (MDL-IDM-L35-L35)
offer a complete graphical touch-screen user interface solution for control, automation, and
instrumentation applications. The compact design is based on a Stellaris® LM3S1958
microcontroller; a highly integrated controller incorporating a 32-bit ARM® Cortex™-M3
core.
Development of software for the IDM module is simplified by using the comprehensive
Stellaris graphics library and ARM development tools from our tools partners. First-time
users should purchase the RDK-IDM-L35 Reference Design Kit which includes the touch
panel module, a documentation CD, and cables.
See the RDK-IDM-L35 Quickstart Guide and RDK-IDM-L35 User’s Manual for complete
technical details on using and customizing the Intelligent Display Module.
Product No.
Description
MDL-IDM-L35
Stellaris® Intelligent Display Module
with 3.5" Landscape Display for
Single-Unit Packaging
MDL-IDM-L35-B
Stellaris® Intelligent Display Module
with 3.5" Landscape Display for Volume
Packaging
RDK-IDM-L35
Stellaris® Intelligent Display Module
with 3.5" Landscape Display Reference
Design Kit (includes MDL-IDM-L35
board)
Figure 1.
Intelligent Display Module
with 3.5" Landscape Display
RDK


Similar Part No. - MDL-IDM-L35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
Intelligent Display Module with
MDL-IDM-L35-B ETC2-MDL-IDM-L35-B Datasheet
347Kb / 8P
Intelligent Display Module with
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com