Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-IDM-L35 Datasheet(PDF) 6 Page - Texas Instruments

Part # MDL-IDM-L35
Description  Intelligent Display Module with 3.5" Landscape Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MDL-IDM-L35 Datasheet(HTML) 6 Page - Texas Instruments

  MDL-IDM-L35 Datasheet HTML 1Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 2Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 3Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 4Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 5Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 6Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 7Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Intelligent Display Module with 3.5" Landscape Display
6
BOARD
DA T A
SHEET
Programming the MDL-IDM-L35
Once an application has been compiled and linked to a binary file, it can be loaded into the
MDL-IDM-L35 by two different methods:
Over the RS232 serial port using the Stellaris serial boot loader
Using the JTAG or SWD port and an In-circuit Debug Interface (ICDI)
Both methods are supported by the LMFlash utility included on the software and
documentation CD and available from the www.luminarymicro.com web site.
The RDK-IDM-L35 includes an adapter to convert the fine-pitch, 10-way debug header to
the common 20-pin ARM debug header.
Figure 4. Fine-Pitch Debug Header Pin Assignments
Reference Design Kit Contents
The RDK-IDM-L35 RDK includes the following:
MDL-IDM-L35 Intelligent QVGA Touch Panel with Ethernet
USB to TTL serial USB cable
Debug adapter
– Fine pitch to 0.1” standard header
Documentation and source code CD
Mechanical Installation
The MDL-IDM-L35 mounts to a front panel mounting using four screws and appropriate
stand-offs.
12
910
TMS/ SWDIO
TCK/ SWCLK
TDO
TDI
SRSTn
3.3V
GND
GND
n/c
GND


Similar Part No. - MDL-IDM-L35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
Intelligent Display Module with
MDL-IDM-L35-B ETC2-MDL-IDM-L35-B Datasheet
347Kb / 8P
Intelligent Display Module with
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com