Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-IDM-L35 Datasheet(PDF) 5 Page - Texas Instruments

Part # MDL-IDM-L35
Description  Intelligent Display Module with 3.5" Landscape Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MDL-IDM-L35 Datasheet(HTML) 5 Page - Texas Instruments

  MDL-IDM-L35 Datasheet HTML 1Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 2Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 3Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 4Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 5Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 6Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 7Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Intelligent Display Module with 3.5" Landscape Display
5
BOARD
DA T A
SHEET
Figure 3. Connection Diagram
Software Development
The MDL-IDM-L35 ships with a factory-programmed example application. This application
must be replaced with a program specific to the end product. Development requires the use
of a compiler capable of generating code for an ARM® Cortex™-M3 processor. Visit
www.luminarymicro.com to download evaluation versions of suitable development tools.
The Stellaris Graphics Library accelerates software development by providing a range of
display-related extensions to the standard StellarisWare™ Software. The Graphics Library
includes widgets, low-level drawing primitives, and display drivers.
Graphics Library widgets encapsulate the ability to render a GUI element, detect if a
touchscreen press occurred within its bounds, and react to presses. Widgets may be used
in a hierarchical manner to provide groups of associated widgets, such as radio buttons.
Examples of widgets include check boxes, buttons, sliders, and images.
Drawing primitives are elementary geometric items. The Graphics Library includes
primitives such as lines, circles, filled circles, rectangles, and fonts. A selection of pre-built
fonts is included and additional user fonts may be added to the library.
The display driver provides low-level code for initializing the display controller and a method
for setting pixels. Graphics Library includes a display driver optimized for the RDK-IDM-L35
LCD panel and therefore, users do not need low-level knowledge of LCD-driver operation.
Refer to the Stellaris® Graphics Library User’s Guide for full details.
1
microSD Card
Digital I /O (8)
JTAG/SWD
Serial Header
Digital I /O (4)
5V
GND
RS232
Serial Port
Analog
Inputs (4)
Digital I /O (4)
5V
GND


Similar Part No. - MDL-IDM-L35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
Intelligent Display Module with
MDL-IDM-L35-B ETC2-MDL-IDM-L35-B Datasheet
347Kb / 8P
Intelligent Display Module with
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com