Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDL-IDM-L35 Datasheet(PDF) 4 Page - Texas Instruments

Part # MDL-IDM-L35
Description  Intelligent Display Module with 3.5" Landscape Display
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MDL-IDM-L35 Datasheet(HTML) 4 Page - Texas Instruments

  MDL-IDM-L35 Datasheet HTML 1Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 2Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 3Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 4Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 5Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 6Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 7Page - Texas Instruments MDL-IDM-L35 Datasheet HTML 8Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Intelligent Display Module with 3.5" Landscape Display
4
BOARD
DA T A
SHEET
Power
The IDM-L35 requires 5 V DC for operation, which can be applied to one of the three power
supply board connectors (see page 3). The RDK includes a USB serial cable that provides
power via the serial header connector. In all cases, the power supply must be regulated
within the electrical limits listed in Table 1.
Wiring
Figure 3 shows all possible electrical connections, including RS232, analog inputs, and
digital I/O. The actual functionality of the peripheral connections is determined by the
application software.
Display
Brightness
210
220
Cd/m2
View Angle (V)
-10
+35
deg
View Angle (H)
-45
+45
deg
Contrast Ratio
340
400
Peripherals
Analog Input Range
0
3
V
Analog Inputs – Electrical Limits
-0.3
3.3
V
Digital Inputs - Low level (VIL)
-0.3
0.8
V
Digital Inputs - High level (VIH)
2.0
5.0
V
Digital Outputs - Low level (VOL)
0.4
V
Digital Outputs - High level (VOH)
2.4
V
RS232
Data Rate
120
Kbps
Transmitter Voltage Swing
±5.0
±5.4
Vdc
Input Threshold Low
0.6
1.2
Input Threshold High
1.5
2.4
Table 1.
Operating Specifications (Continued)
Parameter Name
Min
Nom
Max
Unit


Similar Part No. - MDL-IDM-L35

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MDL-IDM-L35 ETC2-MDL-IDM-L35 Datasheet
347Kb / 8P
Intelligent Display Module with
MDL-IDM-L35-B ETC2-MDL-IDM-L35-B Datasheet
347Kb / 8P
Intelligent Display Module with
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com