Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1613D Datasheet(PDF) 14 Page - NXP Semiconductors

Part # ADC1613D
Description  Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1613D Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button ADC1613D_11 Datasheet HTML 10Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 11Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 12Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 13Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 14Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 15Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 16Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 17Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 43 page
background image
ADC1613D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 February 2011
14 of 43
NXP Semiconductors
ADC1613D series
Dual 16-bit ADC: serial JESD204A interface
11. Application information
11.1 Analog inputs
11.1.1 Input stage description
The analog input of the ADC1613D supports a differential or a single-ended input drive.
Optimal performance is achieved using differential inputs with the common-mode input
voltage (VI(cm)) on pins INP and INM set to 0.5VDDA.
The full-scale analog input voltage range is configurable between 1 V (p-p) and 2 V (p-p)
via a programmable internal reference (see Section 11.2 and Table 21).
Figure 6 shows the equivalent circuit of the sample-and-hold input stage, including
ElectroStatic Discharge (ESD) protection and circuit and package parasitics.
The sample phase occurs when the internal clock (derived from the clock signal on pin
CLKP/CLKM) is HIGH. The voltage is then held on the sampling capacitors. When the
clock signal goes LOW, the stage enters the hold phase and the voltage information is
transmitted to the ADC core.
11.1.2 Anti-kickback circuitry
Anti-kickback circuitry (Figure 7) is needed to counteract the effects of a charge injection
generated by the sampling capacitance.
The RC filter is also used to filter noise from the signal before it reaches the sampling
stage. The value of the capacitor should be chosen to maximize noise attenuation without
degrading the settling time excessively.
Fig 6.
Input sampling circuit
005aaa069
INAP
INBP
package
ESD
parasitics
switch
Ron = 15 Ω
4 pF
4 pF
Cs
Cs
switch
Ron = 15 Ω
INAM
INBM
1, 14
2, 13
internal
clock
internal
clock


Similar Part No. - ADC1613D_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1613D065HN-C1 IDT-ADC1613D065HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D065HN/C1 NXP-ADC1613D065HN/C1 Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613D080HN-C1 IDT-ADC1613D080HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D080HN/C1 NXP-ADC1613D080HN/C1 Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613D105HN-C1 IDT-ADC1613D105HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1613D_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com