Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1613D Datasheet(PDF) 12 Page - NXP Semiconductors

Part # ADC1613D
Description  Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1613D Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button ADC1613D_11 Datasheet HTML 8Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 9Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 10Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 11Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 12Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 13Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 14Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 15Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 43 page
background image
ADC1613D_SER
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 9 February 2011
12 of 43
NXP Semiconductors
ADC1613D series
Dual 16-bit ADC: serial JESD204A interface
10.3 Serial output timing
The eye diagram of the serial output is shown in Figure 3 and Figure 4. Test conditions
are:
3.125 Gbps data rate
Tamb =25°C
DC coupling with two different receiver common-mode voltages
Fig 3.
Eye diagram at 1 V receiver common-mode
Fig 4.
Eye diagram at 2 V receiver common-mode
005aaa088
005aaa089


Similar Part No. - ADC1613D_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1613D065HN-C1 IDT-ADC1613D065HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D065HN/C1 NXP-ADC1613D065HN/C1 Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613D080HN-C1 IDT-ADC1613D080HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D080HN/C1 NXP-ADC1613D080HN/C1 Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613D105HN-C1 IDT-ADC1613D105HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1613D_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com