Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC1613D Datasheet(PDF) 26 Page - NXP Semiconductors

Part # ADC1613D
Description  Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

ADC1613D Datasheet(HTML) 26 Page - NXP Semiconductors

Back Button ADC1613D_11 Datasheet HTML 22Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 23Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 24Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 25Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 26Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 27Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 28Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 29Page - NXP Semiconductors ADC1613D_11 Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 43 page
background image
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxx x x x xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xx xx xxxxx
xxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxx xxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxx x x
xxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxx xxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxx
xxxxxxxxxxxxxxxxxxxxxxxxx xxxxxxxxxxxxxxxxxxxx xxx
Table 17.
Register allocation map
Address
(hex)
Register name
Access[1]
Bit definition
Default
(bin)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
ADC control register
0003
Channel index
R/W
-
-
-
-
-
-
ADCB
ADCA
1111 1111
0005
Reset and
Power-down
modes
R/W
SW_RST
-
-
-
-
-
PD[1:0]
0000 0000
0006
Clock
R/W
-
-
-
SE_SEL
DIFF_SE
-
CLKDIV2_SEL
DCS_EN
0000 0001
0008
Vref
R/W
-
-
-
-
INTREF_EN
INTREF[2:0]
0000 0000
0013
Offset
R/W
-
-
DIG_OFFSET[5:0]
0000 0000
0014
Test pattern 1
R/W
-
-
-
-
-
TESTPAT_1[2:0]
0000 0000
0015
Test pattern 2
R/W
TESTPAT_2[15:8]
0000 0000
0016
Test pattern 3
R/W
TESTPAT_3[7:0]
0000 0000
JESD204A control
0801
Ser_Status
R
RXSYNC_
ERROR
RESERVED[2:0]
0
0
POR_TST
RESERVED 0111 0000
0802
Ser_Reset
R/W
SW_RST
0
0
0
FSM_SW_
RST
0
0
0
0000 0000
0803
Ser_Cfg_Setup
R/W
0
0
0
0
CFG_SETUP[3:0]
0000 1000
0805
Ser_Control1
R/W
0
TRISTATE_
CFG_PINS
SYNC_
POL
SYNC_
SINGLE_
ENDED
1
REV_
SCR
REV_
ENCODER
REV_
SERIAL
0100 1001
0806
Ser_Control2
R/W
0
0
0
0
0
0
SWAP_
LANE_0_1
SWAP_
ADC_A_B
0000 0011
0808
Ser_Analog_Ctrl
R/W
0
0
0
0
0
SWING_SEL[2:0]
0000 0011
0809
Ser_ScramblerA
R/W
0
LSB_INIT[6:0]
0000 0000
080A
Ser_ScramblerB
R/W
MSB_INIT[7:0]
1111 1111
080B
Ser_PRBS_Ctrl
R/W
0
0
0
0
0
0
PRBS_TYPE[1:0]
0000 0000
0820
Cfg_0_DID
R*
DID[7:0]
1110 1101
0821
Cfg_1_BID
R/W*
0
0
0
0
BID[3:0]
0000 1010
0822
Cfg_3_SCR_L
R/W*
SCR
0
0
0
0
0
0
L
0000 0000
0823
Cfg_4_F
R/W*
0
0
0
0
0
F[2:0]
0000 0001
0824
Cfg_5_K
R/W*
0
0
0
K[4:0]
0000 1000
0825
Cfg_6_M
R/W*
0
0
0
0
0
0
0
M
0000 0000


Similar Part No. - ADC1613D_11

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ADC1613D065HN-C1 IDT-ADC1613D065HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D065HN/C1 NXP-ADC1613D065HN/C1 Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613D080HN-C1 IDT-ADC1613D080HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
NXP Semiconductors
ADC1613D080HN/C1 NXP-ADC1613D080HN/C1 Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
logo
Integrated Device Techn...
ADC1613D105HN-C1 IDT-ADC1613D105HN-C1 Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
More results

Similar Description - ADC1613D_11

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
ADC1413D NXP-ADC1413D Datasheet
391Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 04-23 April 2010
ADC1613D NXP-ADC1613D Datasheet
389Kb / 43P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
Rev. 02-23 April 2010
ADC1213D_1106 NXP-ADC1213D_1106 Datasheet
661Kb / 42P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 7-9 June 2011
ADC1613S NXP-ADC1613S Datasheet
736Kb / 39P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps serial JESD204A interface
Rev. 2-9 June 2011
ADC1413D_1106 PHILIPS-ADC1413D_1106 Datasheet
727Kb / 43P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps;serial JESD204A interface
Rev. 6-8 June 2011
logo
Integrated Device Techn...
ADC1213D IDT-ADC1213D Datasheet
595Kb / 40P
Dual 12-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613D IDT-ADC1613D Datasheet
656Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
ADC1613S IDT-ADC1613S Datasheet
705Kb / 37P
Single 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
logo
Renesas Technology Corp
ADC1413D RENESAS-ADC1413D Datasheet
669Kb / 41P
Dual 14-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
ADC1613D RENESAS-ADC1613D Datasheet
660Kb / 41P
Dual 16-bit ADC; 65 Msps, 80 Msps, 105 Msps or 125 Msps; serial JESD204A interface
2 July 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com