Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC586LC4B Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC586LC4B
Description  WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4 - 8 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC586LC4B Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC586LC4B_10 Datasheet HTML 1Page - Hittite Microwave Corporation HMC586LC4B_10 Datasheet HTML 2Page - Hittite Microwave Corporation HMC586LC4B_10 Datasheet HTML 3Page - Hittite Microwave Corporation HMC586LC4B_10 Datasheet HTML 4Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For price, delivery and to place orders: Hittite Microwave Corporation, 20 Alpha Road, Chelmsford, MA 01824
Phone: 978-250-3343
Fax: 978-250-3373
Order On-line at www.hittite.com
Application Support: Phone: 978-250-3343 or apps@hittite.com
8
8 - 2
Frequency vs. Tuning Voltage, Vcc = +5V
Sensitivity vs. Tuning Voltage, Vcc= +5V
Typical SSB Phase Noise @ Vtune= +5V
SSB Phase Noise vs. Tuning Voltage
Output Power vs.
Tuning Voltage, Vcc= +5V
3
4
5
6
7
8
9
0
2
4
6
8
10
12
14
16
18
20
4.75 V
5.0 V
5.25 V
TUNING VOLTAGE (VOLTS)
Frequency vs. Tuning Voltage, T = +25 C
-4
-2
0
2
4
6
8
10
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
0
100
200
300
400
500
600
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-120
-100
-80
-60
-40
-20
0
10
2
10
3
10
4
10
5
10
6
OFFSET FREQUENCY (Hz)
-120
-105
-90
-75
-60
-45
-30
-15
0
0
2
4
6
8
10
12
14
16
18
20
10 kHz
100 kHz
TUNING VOLTAGE (VOLTS)
3
4
5
6
7
8
9
0
2
4
6
8
10
12
14
16
18
20
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
HMC586LC4B
v02.0810
WIDEBAND MMIC VCO w/ BUFFER
AMPLIFIER, 4 - 8 GHz


Similar Part No. - HMC586LC4B_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
logo
Analog Devices
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
More results

Similar Description - HMC586LC4B_10

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC-C028 HITTITE-HMC-C028 Datasheet
205Kb / 4P
WIDEBAND VCO w/ BUFFER AMPLIFIER MODULE, 4 - 8 GHz
HMC588LC4B HITTITE-HMC588LC4B Datasheet
261Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 8.0 - 12.5 GHz
HMC587LC4B HITTITE-HMC587LC4B_10 Datasheet
156Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC733LC4B HITTITE-HMC733LC4B Datasheet
454Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
HMC586LC4B HITTITE-HMC586LC4B Datasheet
202Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 4.0 - 8.0 GHz
HMC587LC4B HITTITE-HMC587LC4B Datasheet
222Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 5 - 10 GHz
HMC732LC4B HITTITE-HMC732LC4B Datasheet
422Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 6 - 12 GHz
HMC733LC4B HITTITE-HMC733LC4B_11 Datasheet
362Kb / 4P
WIDEBAND MMIC VCO w/ BUFFER AMPLIFIER, 10 - 20 GHz
logo
Analog Devices
HMC733LC4B AD-HMC733LC4B Datasheet
318Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
HMC586LC4B AD-HMC586LC4B Datasheet
280Kb / 6P
WIDEBAND MMIC VCO w/ BUFFER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com