Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75N43102 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 75N43102
Description  NETWORK SEARCH ENGINE 32K x 72 Entries
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

75N43102 Datasheet(HTML) 1 Page - Integrated Device Technology

  75N43102_05 Datasheet HTML 1Page - Integrated Device Technology 75N43102_05 Datasheet HTML 2Page - Integrated Device Technology 75N43102_05 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
APRIL 2004
DSC-6435/0B
1
 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
NETWORK SEARCH ENGINE
32K x 72 Entries
Datasheet
Brief
75N43102
Device Description
IDT provides proven, industry-leading network search engines
(NSEs) that enable and accelerate the intelligent processing of network
services in communications equipment. As a part of the complete IDT
classificationsubsystemthatincludescontentinspectionengines,theIDT
family of NSEs delivers high-performance, feature-rich, easy-to-use,
integrated search accelerators.
The IDT 75N43102 is ideally suited for cost-sensitive applications
in the enterprise and access markets. It is a full-ternary 32K x 72 entry
device where each entry location in the NSE has both a Data entry and
an associated Mask entry. The NSE devices integrate content addres-
sable memory (CAM) technology with high-performance logic. The
devicecanperformLookupoperationsplusReadandWritemaintenance
operations.
The IDT 75N43102 NSE device has a bi-directional bus that is a
multiplexedaddressanddatabusthatcansupport62.5millionsustained
searches per second. This device can be configured to enable multiple
width lookups from 72 to 288 bits wide. The IDT 75N43102 requires a
1.5-volt VDD1 supply and a 2.5-volt VDD2 supply.
The IDT 75N43102 NSE utilizes the latest high-performance 1.5V
CMOS processing technology and is packaged in a JEDEC Standard,
256 pin low profile Ball Grid Array.
To request the full IDT75N43102 datasheet, please contact your local
IDT Sales Representative or call 1-800-345-7015
5346 drw02
Figure 1.0 ASIC / FPGA Compatible NSE
IDT 75N43102
Network
Search
Engine
Configuration Registers
CLK2X
÷
CCLK
÷2
CONFIGIN
MATCHIN
P
R
I
O
R
I
T
Y
E
N
C
O
D
E
R
S
I
Z
E
L
O
G
I
C
DATA
D
E
C
O
D
E
Address
I N S T RUCT I O N
MATCHOUT
REQDATA
REQSTB
R/W
6435 drw 01
RST
Command Bus
PHASEN
Global Mask Registers
Request
Bus
Index
Bus
CONFIGOUT
32KX72
Block Diagram
System Configurations
The IDT NSEs are designed to fulfill the needs of various types of
networking systems. In solutions requiring data searching such as
routers, a system configuration as shown in Figure 1.0 may be realized.
In this compatible configuration, the NSE interfaces directly to an
ASIC/ FPGA for lookups and routes an Index directly back to the ASIC/
FPGA. Control of the associated handshake signals is provided by the
NSEs for this configuration.
ASIC
or
FPGA


Similar Part No. - 75N43102_05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
More results

Similar Description - 75N43102_05

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P42100_0509 IDT-75P42100_0509 Datasheet
441Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
IDT75K62100 IDT-IDT75K62100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 128K x 72 Entries
logo
STMicroelectronics
M7020R STMICROELECTRONICS-M7020R Datasheet
996Kb / 150P
   32K x 68-bit Entry NETWORK SEARCH ENGINE
M7040N STMICROELECTRONICS-M7040N Datasheet
1Mb / 159P
   64K x 72-bit Entry NETWORK PACKET SEARCH ENGINE
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com