Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

75K62100_0509 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 75K62100_0509
Description  NETWORK SEARCH ENGINE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

75K62100_0509 Datasheet(HTML) 1 Page - Integrated Device Technology

  75K62100_0509 Datasheet HTML 1Page - Integrated Device Technology 75K62100_0509 Datasheet HTML 2Page - Integrated Device Technology 75K62100_0509 Datasheet HTML 3Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
JUNE 2003
DSC-5334/05
1
 2003 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
NETWORK SEARCH ENGINE
128K x 72 Entries
Datasheet
Brief
75K62100
Device Description
IDT provides proven, industry-leading network search engines
(NSEs)andacomprehensivesuiteofsoftwarethatenableandaccelerate
the intelligent processing of network services in communications equip-
ment.AsapartofthecompleteIDTclassificationsubsystemthatincludes
content inspection engines, the IDT family of NSEs delivers high-
performance, feature-rich, easy-to-use, integrated search accelerators.
TheIDT 75K62100NSEisahighperformancepipelinedlow-power,
synchronous full-ternary 128K x 72 entry device. Each entry location in
the NSE has both a Data entry and an associated Mask entry. The NSE
devices integrate content addressable memory (CAM) technology with
high-performance logic. They can perform Lookup and Learn NSE
operations plus Read, Write, Burst Write, and Dual Write maintenance
operations.
The IDT 75K62100 NSE device has a bi-directional bus that is a
multiplexed address and data bus that can support 100 million sustained
searches per second. This device provides array segments which can
be configured to enable multiple width lookups from 36 to 576 bits wide.
The IDT 75K62100 requires a 1.2-volt VDD supply and a 2.5-volt VDDQ
supply. This NSE device provides the user with flexibility and control in
determining the device power. Only the array segments that will be used
for a specific NSE operation are powered up while the unused segments
are not.
TheIDT75K62100utilizesthelatesthigh-performance1.2VCMOS
processingtechnologyandispackagedinaJEDECStandard,thermally
enhanced, low profile Ball Grid Array. The IDT 372 BGA package
provides increased heat transfer for thermally challenged systems. The
372 BGA footprint is backwards compatible with the IDT 64K x 72 Entry
(75P52100) and 32K x 72 Entry (75P42100) NSE devices.
Configuration Registers
and
Ram Control Circuits
CLOCK
CCLK
÷2
PHASE
SRAM CONTROL
P
R
I
O
R
I
T
Y
E
N
C
O
D
E
R
S
I
Z
E
L
O
G
I
C
D
E
C
O
D
E
Address
MMOUT
MATCHOUT
REQSTB
R/W
5334 drw 01
RESET
Command
Bus
Request
Data
Bus
Index
Bus
Counter
BURST
NSE
REQUEST
BUS
NSE
RESPONSE
BUS
LAST NSE
LAST SRAM
ASIC FEEDBACK
Bypass
DATA
ARRAY
Comparand Registers
Instruction
Global Mask Registers
Result Register
Block Diagram
Figure 1.0 ASIC / Compatible NSE / SRAM configuration
System Configurations
The IDT NSEs are designed to fulfill the needs of various types of
networking systems. In solutions requiring data searching such as
routers, a system configuration as shown in Figure 1.0 may be realized.
Maximum flexibility is provided by allowing one board design to be
populated today using either the IDT 75P42100 or 75P52100 NSEs and
later upgraded to use the IDT 75K62100 NSE. Applications note AN-279
discusseshowtoaccommodateoneboarddesignforanyoftheseNSEs.
In this compatible configuration, the NSE interfaces directly to an
ASIC/ FPGA for lookups and routes an Index to an associated SRAM
device, which supplies the next hop address via an SRAM Data Bus to
the ASIC. The NSE provides the required control signals to directly
hookup to ZBT™ or Synchronous Pipeline Burst SRAM. Lookup results
canalsobefeddirectlybacktotheASIC/FPGAwithouttheuseofexternal
SRAM. Control of the associated handshake signals is provided by all
NSEs to adapt to either configuration.
5334 drw02
Optional
ASIC
or
FPGA
ZBT
or
Sync SRAM
To request the full IDT75K62100 datasheet, please contact your local
IDT Sales Representative or call 1-800-345-7015
IDT
75P42100
or
75P52100
or
75K62100
Network Search Engine


Similar Part No. - 75K62100_0509

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
75K62100 IDT-75K62100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 128K x 72 Entries
More results

Similar Description - 75K62100_0509

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
75K62100 IDT-75K62100 Datasheet
56Kb / 3P
   NETWORK SEARCH ENGINE
logo
Cypress Semiconductor
CYNSE70032 CYPRESS-CYNSE70032 Datasheet
3Mb / 126P
   Network Search Engine
logo
Integrated Device Techn...
75K72100_0509 IDT-75K72100_0509 Datasheet
440Kb / 3P
   Network Search Engine
logo
Cypress Semiconductor
CYNSE10512 CYPRESS-CYNSE10512 Datasheet
6Mb / 153P
   Ayama??10000 Network Search Engine
logo
Integrated Device Techn...
75N42102 IDT-75N42102 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75K72100 IDT-IDT75K72100 Datasheet
62Kb / 3P
   Network Search Engine 256K x 72 Entries
75N43102 IDT-75N43102_05 Datasheet
430Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75N43102 IDT-75N43102 Datasheet
42Kb / 4P
   NETWORK SEARCH ENGINE 32K x 72 Entries
IDT75P42100 IDT-IDT75P42100 Datasheet
67Kb / 3P
   NETWORK SEARCH ENGINE 32K x 72 Entries
75P52100 IDT-75P52100 Datasheet
436Kb / 3P
   NETWORK SEARCH ENGINE 64K x 72 Entries
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com