Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC431LP4 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC431LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC431LP4 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC431LP4_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
11
11 - 86
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Absolute Maximum Ratings
Outline Drawing
Vcc
+3.5 Vdc
Vtune
0 to +11V
Channel Temperature
135 °C
Continuous Pdiss (T = 85°C)
(derate 6.28 mW/°C above 85°C)
565 W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Typical Supply Current vs. Vcc
Note: VCO will operate over full voltage range shown above.
Vcc (V)
Icc (mA)
2.75
19
3.0
27
3.25
34
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
MMIC VCO w/ BUFFER
AMPLIFIER, 5.5 - 6.1 GHz
v04.1106
HMC431LP4 / 431LP4E
NOTES:
1. LEADFRAME MATERIAL: COPPER ALLOY
2. DIMENSIONS ARE IN INCHES [MILLIMETERS]
3. LEAD SPACING TOLERANCE IS NON-CUMULATIVE.
4. PAD BURR LENGTH SHALL BE 0.15mm MAXIMUM.
PAD BURR HEIGHT SHALL BE 0.05mm MAXIMUM.
5. PACKAGE WARP SHALL NOT EXCEED 0.05mm.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE
SOLDERED TO PCB RF GROUND.
7. REFER TO HITTITE APPLICATION NOT FOR SUGGESTED
LAND PATTERN.
Part Number
Package Body Material
Lead Finish
MSL Rating
Package Marking
[3]
HMC431LP4
Low Stress Injection Molded Plastic
Sn/Pb Solder
MSL1
[1]
H431
XXXX
HMC431LP4E
RoHS-compliant Low Stress Injection Molded Plastic
100% matte Sn
MSL1
[2]
H431
XXXX
[1] Max peak reflow temperature of 235 °C
[2] Max peak reflow temperature of 260 °C
[3] 4-Digit lot number XXXX
Package Information


Similar Part No. - HMC431LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
More results

Similar Description - HMC431LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC466LP4 HITTITE-HMC466LP4 Datasheet
277Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
HMC466LP4 HITTITE-HMC466LP4_09 Datasheet
231Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
HMC430LP4 HITTITE-HMC430LP4_06 Datasheet
301Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC430LP4 HITTITE-HMC430LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com