Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC431LP4 Datasheet(PDF) 2 Page - Hittite Microwave Corporation

Part # HMC431LP4
Description  MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC431LP4 Datasheet(HTML) 2 Page - Hittite Microwave Corporation

  HMC431LP4_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC431LP4_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
11
11 - 85
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Frequency vs. Tuning Voltage, T= 25°C
Sensitivity vs. Tuning Voltage, Vcc= +3V
Typical SSB Phase Noise @ Vtune= +5V
Phase Noise vs. Tuning Voltage
Frequency vs. Tuning Voltage, Vcc= +3V
Output Power vs.
Tuning Voltage, Vcc= +3V
MMIC VCO w/ BUFFER
AMPLIFIER, 5.5 - 6.1 GHz
v04.1106
HMC431LP4 / 431LP4E
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
01
234
5678
9
10
Vcc= 2.75V
Vcc= 3.0V
Vcc= 3.25V
TUNING VOLTAGE (VOLTS)
0
50
100
150
200
250
300
350
400
450
500
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-10
-8
-6
-4
-2
0
2
4
6
8
10
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
4.8
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
01
234
5678
9
10
+25 C
+85 C
-40 C
TUNING VOLTAGE (VOLTS)
-110
-105
-100
-95
-90
-85
-80
-75
-70
01
234
5678
9
10
10kHz offset
100kHz offset
TUNING VOLTAGE (VOLTS)
-150
-125
-100
-75
-50
-25
0
10
3
10
4
10
5
10
6
10
7
+25 C
+85 C
-40 C
OFFSET FREQUENCY (Hz)


Similar Part No. - HMC431LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
More results

Similar Description - HMC431LP4_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC431LP4 HITTITE-HMC431LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC431LP4 HITTITE-HMC431LP4_06 Datasheet
303Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.5 - 6.1 GHz
HMC466LP4 HITTITE-HMC466LP4 Datasheet
277Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
HMC466LP4 HITTITE-HMC466LP4_09 Datasheet
231Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 6.1 - 6.72 GHz
HMC430LP4 HITTITE-HMC430LP4_06 Datasheet
301Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC430LP4 HITTITE-HMC430LP4 Datasheet
237Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC430LP4 HITTITE-HMC430LP4_08 Datasheet
231Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.0 - 5.5 GHz
HMC532LP4 HITTITE-HMC532LP4_09 Datasheet
202Kb / 4P
   MMIC VCO w/ BUFFER AMPLIFIER, 7.1 - 7.9 GHz
HMC358MS8G HITTITE-HMC358MS8G_08 Datasheet
202Kb / 6P
   MMIC VCO w/ BUFFER AMPLIFIER, 5.8 - 6.8 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com