Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC233G8 Datasheet(PDF) 3 Page - Hittite Microwave Corporation

Part # HMC233G8
Description  GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC233G8 Datasheet(HTML) 3 Page - Hittite Microwave Corporation

  HMC233G8_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
10
10 - 92
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Truth Table
Absolute Maximum Ratings
Control Voltages
Outline Drawing
Control Input
Signal Path State
A
B
RFC to RF1
RFC to RF2
High
Low
ON
OFF
Low
High
OFF
ON
State
Bias Condition
Low
0 to -0.2V @ 10 uA Max.
High
-5V @ 10 uA Typ. to -7V @ 45 uA Typ.
RF Input Power (Vctl= -5V)
(0.5 - 6 GHz)
+30 dBm (@ +85 °C)
Control Voltage Range (A & B)
+1.0V to -7.5 Vdc
Hot Switch Power Level
+27 dBm
Channel Temperature
150 °C
Continuous Pdiss (T = 85 °C)
(derate 4 mW/°C above 85 °C)
0.25 W
Thermal Resistance
(Insertion Loss Path)
148 °C/W
Thermal Resistance
(Terminated Path)
260 °C/W
Storage Temperature
-65 to +150 °C
Operating Temperature
-40 to +85 °C
ESD Sensitivity (HBM)
Class 1A
Caution: Do not “Hot Switch” power levels greater
than +27 dBm (Vctl = 0/-5 Vdc).
NOTES:
1. PACKAGE MATERIAL: ALUMINA LOADED BOROSILICATE GLASS.
2. LEADS, BASE, COVER MATERIAL: KOVAR™ (#7052 CORNING).
3. PLATING: ELECTROLYTIC GOLD 50 MICROINCHES MIN., OVER
ELECTROLYTIC NICKEL 50 MICROINCHES MIN.
4. ALL DIMENSIONS ARE IN INCHES [MILLIMETERS].
5. TOLERANCES: .±005 [0.13] UNLESS OTHERWISE SPECIFIED.
6. ALL GROUND LEADS AND GROUND PADDLE MUST BE SOLDERED
TO PCB RF GROUND.
ELECTROSTATIC SENSITIVE DEVICE
OBSERVE HANDLING PRECAUTIONS
HMC233G8
GaAs MMIC HIGH ISOLATION SMT
SPDT SWITCH, DC - 6 GHz
v00.0504


Similar Part No. - HMC233G8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC233G8 HITTITE-HMC233G8_06 Datasheet
224Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
More results

Similar Description - HMC233G8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G8 HITTITE-HMC232G8_08 Datasheet
147Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com