Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HMC233G8 Datasheet(PDF) 5 Page - Hittite Microwave Corporation

Part # HMC233G8
Description  GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITTITE [Hittite Microwave Corporation]
Direct Link  http://www.hittite.com
Logo HITTITE - Hittite Microwave Corporation

HMC233G8 Datasheet(HTML) 5 Page - Hittite Microwave Corporation

  HMC233G8_08 Datasheet HTML 1Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 2Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 3Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 4Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 5Page - Hittite Microwave Corporation HMC233G8_08 Datasheet HTML 6Page - Hittite Microwave Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
10
10 - 94
For price, delivery, and to place orders, please contact Hittite Microwave Corporation:
20 Alpha Road, Chelmsford, MA 01824 Phone: 978-250-3343 Fax: 978-250-3373
Order On-line at www.hittite.com
Evaluation PCB
The circuit board used in the final application should
be generated with proper RF circuit design tech-
niques. Signal lines at the RF port should have 50
ohm impedance and the package ground leads and
package bottom should be connected directly to
the ground plane similar to that shown above. The
evaluation circuit board shown above is available
from Hittite Microwave Corporation upon request.
List of Materials for Evaluation PCB 107183 [1]
Item
Description
J1 - J3
PCB Mount SMA RF Connector
J4 - J6
DC Pin
R1, R2
100 Ohm Resistor, 0603 Pkg.
U1
HMC233G8 SPDT Switch
PCB [2]
107100 Evaluation PCB
[1] Reference this number when ordering complete evaluation PCB
[2] Circuit Board Material: Rogers 4350
HMC233G8
GaAs MMIC HIGH ISOLATION SMT
SPDT SWITCH, DC - 6 GHz
v00.0504


Similar Part No. - HMC233G8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC233G8 HITTITE-HMC233G8_06 Datasheet
224Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6.0 GHz
More results

Similar Description - HMC233G8_08

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC607G7 HITTITE-HMC607G7_08 Datasheet
194Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G7 HITTITE-HMC232G7_08 Datasheet
188Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6 GHz
HMC232G8 HITTITE-HMC232G8_08 Datasheet
147Kb / 6P
GaAs MMIC HIGH ISOLATION SMT SPDT SWITCH, DC - 6 GHz
logo
Stanford Microdevices
SSW-124 STANFORD-SSW-124 Datasheet
164Kb / 3P
DC-6 GHz High Isolation SPDT GaAs MMIC Switch
SSW-224 STANFORD-SSW-224 Datasheet
162Kb / 3P
DC-6 GHZ HIGH ISOLATION SPDT GAAS MMIC SWITCH
logo
Hittite Microwave Corpo...
HMC132G7 HITTITE-HMC132G7_01 Datasheet
85Kb / 4P
GaAs MMIC HIGH-ISOLATION SPDT SWITCH, DC - 6 GHz
HMC132G7 HITTITE-HMC132G7 Datasheet
64Kb / 4P
GAAS MMIC HIGH - ISOLATION SPDT SWITCH DC - 6 GHZ
HMC347C8 HITTITE-HMC347C8 Datasheet
179Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC234C8 HITTITE-HMC234C8 Datasheet
191Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 8.0 GHz
HMC232G7 HITTITE-HMC232G7_06 Datasheet
261Kb / 6P
GaAs MMIC SMT HIGH ISOLATION SPDT SWITCH, DC - 6.0 GHz
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com