Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S202S02 Datasheet(PDF) 3 Page - Sharp Corporation

Part # S202S02
Description  SIP Type SSR for Medium Power Control
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

S202S02 Datasheet(HTML) 3 Page - Sharp Corporation

  S202S02 Datasheet HTML 1Page - Sharp Corporation S202S02 Datasheet HTML 2Page - Sharp Corporation S202S02 Datasheet HTML 3Page - Sharp Corporation S202S02 Datasheet HTML 4Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
S102S01/S102S02/S202S01/S202S02
Case temperature T
(˚C)
- 25
0
25
50
75
100
125
0
2
4
6
8
10
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
125
0
10
20
30
40
50
60
Fig. 2 RMS ON-state Current vs.
Case Temperature
Fig. 3 Forward Current vs.
Ambient Temperature
Forward voltage V F (V)
0
1.0
2.0
2
10
100
1
5
20
50
200
75˚C
50˚C
25˚C
0˚C
- 25˚C
210
0
20
40
60
80
100
1
5
20
50
100
RMS ON-state current I T ( Arms )
02468
10
12
0
2
4
6
8
10
12
14
16
18
20
Ambient temperature T a (˚C)
- 25
0
25
50
75
100
0
2
4
6
8
10
S102S01
S202S01
S102S02
S202S02
Fig. 7 Minimum Trigger Current vs.
Ambient Temperature (Typical Value)
Fig. 4 Forward Current vs. Forward Voltage
Fig. 6 Maximum ON-state Power Dissipation
vs. RMS ON-state Current (Typical Value)
(S102S01/S202S01 )
(S102S02/S202S02 )
Fig. 5 Surge Current vs. Power-on Cycle
Power-on cycle ( Times )
C
f= 50Hz
Tj= 25˚C Start
Ta = 100˚C
Ta = 25˚C
VD= 12V
RL=30Ω
VD=6V


Similar Part No. - S202S02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S202S02F SHARP-S202S02F Datasheet
245Kb / 13P
IT(rms)??A, Zero Cross type SIP 4pin Triac output SSR
More results

Similar Description - S202S02

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
S112S01 SHARP-S112S01 Datasheet
69Kb / 5P
SIP Type SSR for Medium Power Control
S202SE1 SHARP-S202SE1 Datasheet
64Kb / 4P
SIP Type SSR for Medium Power Control
PR36MF22NSZ SHARP-PR36MF22NSZ Datasheet
66Kb / 3P
8-Pin DIP Type SSR for Low Power Control
S11MA01 SHARP-S11MA01 Datasheet
59Kb / 4P
6-pin DIP Type SSR for Low Power Control
S101D01 SHARP-S101D01 Datasheet
67Kb / 4P
16-Pin DIP Type SSR for Low Power Control
S16MD01 SHARP-S16MD01 Datasheet
66Kb / 4P
8-Pin DIP Type SSR for Low Power Control
PR29MF11NSZ SHARP-PR29MF11NSZ Datasheet
65Kb / 6P
8-Pin DIP Type SSR for Low Power Control
S13MD01 SHARP-S13MD01 Datasheet
55Kb / 4P
8-pin DIP Type SSR for Low Power Control
S101DH1 SHARP-S101DH1 Datasheet
59Kb / 4P
16-Pin DIP Type SSR for Low Power Control
logo
Crydom Inc.,
CN024D05 CRYDOM-CN024D05 Datasheet
755Kb / 6P
5mm Mini SIP SSR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com