Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

V3B Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # V3B
Description  Manual Swipe Magnetic Card Reader
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

V3B Datasheet(HTML) 3 Page - Omron Electronics LLC

  V3B Datasheet HTML 1Page - Omron Electronics LLC V3B Datasheet HTML 2Page - Omron Electronics LLC V3B Datasheet HTML 3Page - Omron Electronics LLC V3B Datasheet HTML 4Page - Omron Electronics LLC V3B Datasheet HTML 5Page - Omron Electronics LLC V3B Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
V3B
V3B
3
J
I/O INFORMATION
Single Track Connector Harness
5-pin Molex connector part number 51102--0500.
Pin #
Signal
Input/Output
Description
1
RDP
Output
Read data
2
RCP
Output
Read clock
3
CLS
Output
Card loaded
4
+5 VDC
5
0 VDC
Double Track Connector Harness
9-pin Molex connector part number 51102--0900.
Pin #
Signal
Input/Output
Description
1
RDP1
Output
Read data 1/3
2
RCP1
Output
Read clock 1/3
3
CLS1
Output
Card loaded 1/3
4
RDP2
Output
Read data 2
5
RCP2
Output
Read clock 2
6
CLS2
Output
Card loaded 2
7
CSV
Input
Current save
8
5V
9
0V
Triple Track Connector Harness
12-pin Molex connector part number 51102--1200.
Pin #
Signal
Input/Output
Description
1
RDP1
Output
Read data 1
2
RCP1
Output
Read clock 1
3
CLS1
Output
Card loaded 1
4
RDP2
Output
Read data 2
5
RCP2
Output
Read clock 2
6
CLS2
Output
Card loaded 2
7
RDP3
Output
Read data 3
8
RCP3
Output
Read clock 3
9
CLS3
Output
Card loaded 3
10
CSV
Input
Current save
11
5V
12
0V


Similar Description - V3B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
V3A OMRON-V3A Datasheet
155Kb / 6P
Manual Swipe Magnetic Card Reader
3S4YR-HSR OMRON-3S4YR-HSR Datasheet
214Kb / 4P
Manual Swipe Magnetic Card Reader
3S4YR-HNF OMRON-3S4YR-HNF Datasheet
165Kb / 6P
Manual Swipe Magnetic Card Reader
3S4YR-HZR OMRON-3S4YR-HZR Datasheet
478Kb / 4P
Manual Swipe Magnetic Card Reader
3S4YR-SBRN OMRON-3S4YR-SBRN Datasheet
350Kb / 2P
Manual Insert Magnetic Card Reader
logo
Panasonic Semiconductor
ZU-1890MU1 PANASONIC-ZU-1890MU1 Datasheet
151Kb / 10P
Manual Insertion Type Magnetic Card Reader
ZU-1870MA8R PANASONIC-ZU-1870MA8R Datasheet
353Kb / 32P
MAGNETIC CARD READER SPECIFICATION
logo
Advantech Co., Ltd.
UPOS-P03 ADVANTECH-UPOS-P03 Datasheet
305Kb / 1P
Magnetic Stripe Card Reader
17-Nov-2017
USC-P03 ADVANTECH-USC-P03 Datasheet
198Kb / 1P
Magnetic Stripe Card Reader
23-Nov-2020
logo
Omron Electronics LLC
3S4YR-SGR OMRON-3S4YR-SGR Datasheet
257Kb / 4P
Insert Magnetic/IC Card Reader
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com