Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS6P02G Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS6P02G
Description  Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS6P02G Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS6P02G Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS6P02G Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
creat by art
UL Recoganized File # E-326243
Glass passivated junction
Typical IR less than 0.1 uA
High surge current capability to 150A
Mechanical Data
TS6P0XG
= Specific Device Code
G
= Green Compound
Y
= Year
WW
= Work Week
Maximum Ratings and Electrical Characteristics
Rating at 25 ℃ ambient temperature unless otherwise specified.
Single phase, half wave, 60 Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Symbol
TS6P
01G
TS6P
02G
TS6P
03G
TS6P
04G
TS6P
05G
TS6P
06G
TS6P
07G
Units
VRRM
50
100
200
400
600
800
1000
V
VRMS
35
70
140
280
420
560
700
V
VDC
50
100
200
400
600
800
1000
V
I
2tA2S
Cj
pF
RθJC
OC/W
TJ
OC
TSTG
OC
Terminals: Pure tin plated , Lead free. Leads
solderable per MIL-STD-202 Method 208
Type Number
A
Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
Plastic material has Underwriters Laboratory
Flammability Classification 94V-0
Maximum Average Forward Rectified Current
@ TC=110℃
IF(AV)
6A
Green compound with suffix "G" on packing
code & prefix "G" on datecode.
High temperature soldering guaranteed:
260℃ / 10 seconds at 5 lbs., (2.3kg) tension
- 55 to + 150
uA
uA
Maximum DC Reverse Current
@ TA=25 ℃
at Rated DC Blocking Voltage
@ TA=125 ℃
IR
Typical Thermal Resistance
1.8
Typical Junction Capacitance Per Leg (Note 2)
53
Rating of fusing ( t < 8.3mS)
TS6P01G - TS6P07G
Marking Diagram
TS-6P
V
93
Dimensions in inches and (millimeters)
1.0
1.1
VF
IFSM
Features
Ideal for printed circuit board
High case dielectric strength of 2000VRMS
Peak Forward Surge Current, 8.3 ms Single Half Sine-
wave Superimposed on Rated Load (JEDEC method)
Mounting torque : 8.17 in. lbs. Max.
Case: Molded plastic body
Maximum Recurrent Peak Reverse Voltage
Maximum RMS Voltage
Maximum DC Blocking Voltage
Weight: 7.15 grams
Maximum Instantaneous Forward Voltage (Note 1)
@ 3 A
@ 6 A
10
500
150
Note 2 : Measured at 1MHz applied Reverse bias of 4.0V DC.
- 55 to + 150
Version:H11
Note 1 : Pulse Test with PW=300 usec, 1% Duty Cycle
Operating Temperature Range
Storage Temperature Range
Pb
RoHS
COMPLIANCE
RoHS
COMPLIANCE


Similar Part No. - TS6P02G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6P02G TSC-TS6P02G Datasheet
50Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS6P02G TSC-TS6P02G Datasheet
228Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
TS6P02G TSC-TS6P02G Datasheet
240Kb / 4P
   Glass Passivated Bridge Rectifiers
logo
Taiwan Memory Technolog...
TS6P02G TMT-TS6P02G Datasheet
206Kb / 4P
   6A, 50V - 1000V Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6P02G-K TSC-TS6P02G-K Datasheet
313Kb / 6P
   6A, 50V - 1000V Glass Passivated Bridge Rectifier
More results

Similar Description - TS6P02G

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS6B01G TSC-TS6B01G_10 Datasheet
532Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_10 Datasheet
534Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6K40 TSC-TS6K40 Datasheet
212Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
TS6B01G TSC-TS6B01G_1 Datasheet
276Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
GBJ6005 KINGTRONICS-GBJ6005_15 Datasheet
361Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
KBU601G TSC-KBU601G_10 Datasheet
520Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
KBU601G TSC-KBU601G Datasheet
98Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601 Datasheet
59Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
GBU601 TSC-GBU601_1 Datasheet
180Kb / 2P
   Single Phase 6.0 AMPS. Glass Passivated Bridge Rectifiers
logo
Kingtronics Internation...
KBU6005 KINGTRONICS-KBU6005_15 Datasheet
413Kb / 2P
   6.0 AMPS. Single Phase Glass Passivated Bridge Rectifiers
logo
Taiwan Semiconductor Co...
TS6B05G TSC-TS6B05G Datasheet
39Kb / 2P
   Single Phase 6.0 Amps. Glass Passivated Bridge Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com