Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP8S2T103QE Datasheet(PDF) 6 Page - C&K Components

Part # NP8S2T103QE
Description  Sealed Industrial Pushbutton Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP8S2T103QE Datasheet(HTML) 6 Page - C&K Components

  NP8S2T103QE Datasheet HTML 1Page - C&K Components NP8S2T103QE Datasheet HTML 2Page - C&K Components NP8S2T103QE Datasheet HTML 3Page - C&K Components NP8S2T103QE Datasheet HTML 4Page - C&K Components NP8S2T103QE Datasheet HTML 5Page - C&K Components NP8S2T103QE Datasheet HTML 6Page - C&K Components NP8S2T103QE Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
A-123
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
A
15.02 REF
[0.591]
304.80±12.70
[±0.5012.00]
13.17 REF
[0.519]
12.67 REF
[0.499]
9.32 REF
[0.367]
17.27 REF
[0.680]
13.17 REF
[0.519]
2
1
4
3
ELECTRICAL SCHEMATIC - 4 WIRES
RED
N.C.
WHITE
N.O.
RED
N.C.
WHITE
N.O.
3 OR 4 WIRES
22 AWG UL1569
(SEE SCHEMATICS)
2
1
4
3
ELECTRICAL SCHEMATIC - 3 WIRES
RED
N.C.
WHITE
N.O.
BLACK
COMMON
0.25
TYP
[0.010]
2.45
TYP
[0.096]
2.55
TYP
[0.100]
0.70
TYP
[0.028]
NP Series
Sealed Industrial Pushbutton Switch
Third Angle
Projection
NEW!
HOUSING ANODIZING COLOR
TERMINATION
03 SOLDER LUG (STD)
02 PC PIN (G CONTACT MATERIAL)
W4 4X 12” 22 AWG UL1569 WIRE (OVERMOLDED)
W3 3X 12” 22 AWG UL1569 WIRE (OVERMOLDED)
OPTION
CODE
ANODIZING COLOR
1
Clear anodized
2
Black anodized (STD)


Similar Part No. - NP8S2T103QE

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NP8-DSS DOMINANT-NP8-DSS Datasheet
531Kb / 11P
SPNovaLED Infrared 850nm
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
SPNovaLED Infrared 850nm
logo
NEC
NP80N03CDE NEC-NP80N03CDE Datasheet
219Kb / 10P
MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE RENESAS-NP80N03CDE Datasheet
297Kb / 12P
MOS FIELD EFFECT TRANSISTOR
2007
logo
Inchange Semiconductor ...
NP80N03CDE ISC-NP80N03CDE Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - NP8S2T103QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
Sealed Industrial Pushbutton Switch
4 May 20
PNP CK-COMPONENTS-PNP_V01 Datasheet
805Kb / 5P
Sealed Pushbutton Switch
2020
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
Industrial Pushbutton Switch
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
Anti-Vandal Sealed Pushbutton Switch
5 May 21
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com