Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP8S2T103QE Datasheet(PDF) 2 Page - C&K Components

Part # NP8S2T103QE
Description  Sealed Industrial Pushbutton Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NP8S2T103QE Datasheet(HTML) 2 Page - C&K Components

  NP8S2T103QE Datasheet HTML 1Page - C&K Components NP8S2T103QE Datasheet HTML 2Page - C&K Components NP8S2T103QE Datasheet HTML 3Page - C&K Components NP8S2T103QE Datasheet HTML 4Page - C&K Components NP8S2T103QE Datasheet HTML 5Page - C&K Components NP8S2T103QE Datasheet HTML 6Page - C&K Components NP8S2T103QE Datasheet HTML 7Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A-119
Dimensions are shown: mm (inches)
Specifications and dimensions subject to change
www.ck-components.com
A
ACTUATOR STYLE
NP Series
Sealed Industrial Pushbutton Switch
STANDARD VIEW
20.30 REF
[0.799]
9.15
[0.360]
10.80
[0.425]
ACROSS FLATS
6.25
[0.246]
11.90
[0.469]
0.50
[0.020]
MAX
1.00
[0.039]
11.15 TYP
[0.439]
5.45
[0.215]
0.25 TYP
[0.010]
2.45 TYP
[0.096]
0.40 TYP
[0.016]
15/32-32 UNS-2A
Third Angle
Projection
S STANDARD
E EXTENDED (D HOUSING STYLE ONLY)
NEW!
OPERATING FORCE
ACTUATOR COLOR
OPTION
CODE
OPERATING FORCE
8
8 N
OPTION
CODE
ACTUATOR COLOR
2
Black
3
Red
4
Orange
5
Yellow
9
Gray
For additional colors please contact Customer
Service.
7.20
[0.283]
2.60
[0.102]
4.55
[0.179]
9.15
[0.360]
2
1
4
3
ELECTRICAL SCHEMATIC
N.C.
N.O.


Similar Part No. - NP8S2T103QE

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
NP8-DSS DOMINANT-NP8-DSS Datasheet
531Kb / 11P
SPNovaLED Infrared 850nm
NP8-DSS-1 DOMINANT-NP8-DSS-1 Datasheet
531Kb / 11P
SPNovaLED Infrared 850nm
logo
NEC
NP80N03CDE NEC-NP80N03CDE Datasheet
219Kb / 10P
MOS FIELD EFFECT TRANSISTOR SWITCHING N-CHANNEL POWER MOS FET
logo
Renesas Technology Corp
NP80N03CDE RENESAS-NP80N03CDE Datasheet
297Kb / 12P
MOS FIELD EFFECT TRANSISTOR
2007
logo
Inchange Semiconductor ...
NP80N03CDE ISC-NP80N03CDE Datasheet
372Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - NP8S2T103QE

ManufacturerPart #DatasheetDescription
logo
C&K Components
NP CK-COMPONENTS-NP Datasheet
962Kb / 7P
Sealed Industrial Pushbutton Switch
4 May 20
PNP CK-COMPONENTS-PNP_V01 Datasheet
805Kb / 5P
Sealed Pushbutton Switch
2020
logo
List of Unclassifed Man...
AP2D000SZBE ETC2-AP2D000SZBE Datasheet
374Kb / 6P
Industrial Pushbutton Switch
logo
C&K Components
AP CK-COMPONENTS-AP_V02 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
28 Jul 21
AP CK-COMPONENTS-AP Datasheet
314Kb / 6P
Industrial Pushbutton Switch
AP2D000SZBE CK-COMPONENTS-AP2D000SZBE Datasheet
339Kb / 6P
Industrial Pushbutton Switch
AP CK-COMPONENTS-AP_V01 Datasheet
1Mb / 10P
Industrial Pushbutton Switch
2021
ATP16 CK-COMPONENTS-ATP16 Datasheet
841Kb / 4P
Anti-Vandal Sealed Pushbutton Switch
2022
ATP22 CK-COMPONENTS-ATP22 Datasheet
332Kb / 3P
Anti-Vandal Sealed Pushbutton Switch
5 May 21
AP2D207SZBE CK-COMPONENTS-AP2D207SZBE Datasheet
340Kb / 6P
AP Series Industrial Pushbutton Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com