Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U1 Datasheet(PDF) 1 Page - Rohm

Part # US5U1
Description  2.5V Drive NchSBD MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U1 Datasheet(HTML) 1 Page - Rohm

  US5U1 Datasheet HTML 1Page - Rohm US5U1 Datasheet HTML 2Page - Rohm US5U1 Datasheet HTML 3Page - Rohm US5U1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
US5U1
Transistors
Rev.B
1/3
2.5V Drive Nch+SBD MOSFET
US5U1
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET /
Schottky barrier diode
Features
1) Nch MOSFET and schottky barrier diode
are put in TUMT5 package.
2) High-speed switching, Low On-resistance.
3) Low voltage drive (2.5V drive).
4) Built-in Low VF schottky barrier diode.
Applications
Switching
Package specifications
Inner circuit
Package
Code
Taping
Basic ordering unit (pieces)
US5U1
TR
3000
Type
Absolute maximum ratings (Ta=25
°C)
∗1
∗1
Parameter
V
VDSS
Symbol
V
VGSS
A
ID
A
IDP
A
IS
A
ISP
Limits
Unit
Drain-source voltage
<MOSFET>
Gate-source voltage
Drain current
Continuous
Pulsed
Continuous
Pulsed
∗1 Pw≤10µs, Duty cycle≤1%
∗2 Mounted on a ceramic board
Source current
(Body diode)
30
12
±1.5
±6.0
0.75
6.0
∗2
PD
°C
Tch
Power dissipation
Channel temperature
150
W / ELEMENT
0.7
∗2
∗1
Parameter
V
VRM
Symbol
V
VR
A
IF
A
IFSM
Tj
Limits
Unit
Repetitive peak reverse voltage
<Di>
Reverse voltage
Forward current
∗1 60Hz 1cycle
∗2 Mounted on ceramic board
Forward current surge peak
Power dissipation
Junction temperature
30
20
0.5
2.0
W / ELEMENT
PD
0.5
150
°C
(1)Gate
(2)Source
(3)Anode
(4)Cathode
(5)Drain
∗1 ESD protection diode
∗2 Body diode
∗2
∗1
(1)
(2)
(5)
(3)
(4)
TUMT5
Abbreviated symbol : U01
2.0
1.3


Similar Part No. - US5U1

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U1 ROHM-US5U1 Datasheet
62Kb / 3P
2.5V Drive NchSBD MOS FET
US5U1 ROHM-US5U1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
US5U1 ROHM-US5U1 Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
US5U1TR ROHM-US5U1TR Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
US5U1 ROHM-US5U1_1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
More results

Similar Description - US5U1

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U1 ROHM-US5U1_1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_1 Datasheet
68Kb / 4P
2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41 Datasheet
185Kb / 6P
2.5V Drive NchSBD MOSFET
US6U37 ROHM-US6U37 Datasheet
134Kb / 5P
2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_07 Datasheet
80Kb / 4P
2.5V Drive NchSBD MOSFET
QS5U13 ROHM-QS5U13_06 Datasheet
90Kb / 5P
2.5V Drive NchSBD MOS FET
QS5U16 ROHM-QS5U16_06 Datasheet
90Kb / 5P
2.5V Drive NchSBD MOS FET
ES6U41 ROHM-ES6U41_12 Datasheet
198Kb / 5P
2.5V Drive NchSBD MOSFET
US5U3TR ROHM-US5U3TR Datasheet
73Kb / 4P
2.5V Drive NchSBD MOSFET
US5U1TR ROHM-US5U1TR Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com