Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U1 Datasheet(PDF) 3 Page - Rohm

Part # US5U1
Description  2.5V Drive NchSBD MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U1 Datasheet(HTML) 3 Page - Rohm

  US5U1 Datasheet HTML 1Page - Rohm US5U1 Datasheet HTML 2Page - Rohm US5U1 Datasheet HTML 3Page - Rohm US5U1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
US5U1
Transistors
Rev.B
3/3
SOURCE-DRAIN VOLTAGE : VSD (V)
0.0
0.01
0.1
1
10
0.5
1.0
1.5
Fig.5 Source Current vs.
Source-Drain Voltage
VGS=0V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
Electrical characteristics curves
DRAIN CURRENT : ID (A)
0.01
1
10
100
1000
0.1
1
10
Fig.1 Switching Characteristics
Ta=25
°C
VDD=15V
VGS=4.5V
RG=10
Pulsed
tf
td(off)
td(on)
tr
TOTAL GATE CHARGE : Qg (nC)
0
0.5
0
1
2
3
4
5
6
1
1.5
2
Fig.2 Dynamic Input Characteristics
Ta=25
°C
VDD=15V
ID=1.5A
RG=10
Pulsed
GATE-SOURCE VOLTAGE : VGS (V)
0.0
0.001
0.01
0.1
1
10
0.5
1.0
2.0
1.5
2.5
Fig.3 Typical Transfer Characteristics
VDS=10V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
GATE-SOURCE VOLTAGE : VGS (V)
0
0.0
0.1
0.2
0.3
0.4
0.5
0.7
0.8
0.9
0.6
1.0
12
10
3
4
5
6789
Fig.4 Static Drain-Source
On-State Resistance vs.
Gate source Voltage
Ta=25
°C
Pulsed
DRAIN CURRENT : ID (A)
0.01
0.1
1
10
0.1
1
10
Fig.6 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι )
VGS=4.5V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
DRAIN CURRENT : ID (A)
0.01
0.1
1
10
0.1
1
10
Fig.7 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙ )
VGS=4.0V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
DRAIN CURRENT : ID (A)
0.01
0.1
1
10
0.1
1
10
Fig.8 Static Drain-Source
On-State Resistance
vs. Drain Current (
ΙΙΙ )
VGS=2.5V
Pulsed
Ta=125
°C
75
°C
25
°C
−25°C
DRAIN CURRENT : ID (A)
0.01
0.1
1
10
0.1
1
10
Fig.9 Static Drain-Source
On-State Resistance
vs. Drain Current (
Ι )
Ta=25
°C
Pulsed
VGS=2.5V
VGS=4V
VGS=4.5V


Similar Part No. - US5U1

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U1 ROHM-US5U1 Datasheet
62Kb / 3P
2.5V Drive NchSBD MOS FET
US5U1 ROHM-US5U1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
US5U1 ROHM-US5U1 Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
US5U1TR ROHM-US5U1TR Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
US5U1 ROHM-US5U1_1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
More results

Similar Description - US5U1

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U1 ROHM-US5U1_1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_1 Datasheet
68Kb / 4P
2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41 Datasheet
185Kb / 6P
2.5V Drive NchSBD MOSFET
US6U37 ROHM-US6U37 Datasheet
134Kb / 5P
2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_07 Datasheet
80Kb / 4P
2.5V Drive NchSBD MOSFET
QS5U13 ROHM-QS5U13_06 Datasheet
90Kb / 5P
2.5V Drive NchSBD MOS FET
QS5U16 ROHM-QS5U16_06 Datasheet
90Kb / 5P
2.5V Drive NchSBD MOS FET
ES6U41 ROHM-ES6U41_12 Datasheet
198Kb / 5P
2.5V Drive NchSBD MOSFET
US5U3TR ROHM-US5U3TR Datasheet
73Kb / 4P
2.5V Drive NchSBD MOSFET
US5U1TR ROHM-US5U1TR Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com