Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

US5U1 Datasheet(PDF) 2 Page - Rohm

Part # US5U1
Description  2.5V Drive NchSBD MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

US5U1 Datasheet(HTML) 2 Page - Rohm

  US5U1 Datasheet HTML 1Page - Rohm US5U1 Datasheet HTML 2Page - Rohm US5U1 Datasheet HTML 3Page - Rohm US5U1 Datasheet HTML 4Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
US5U1
Transistors
Rev.B
2/3
∗1
Parameter
Symbol
W / TOTAL
PD
°C
Tstg
Limits
Unit
<MOSFET and Di>
Total power dissipation
Range of storage temperature
∗1 Mounted on a ceramic board
−55 to +150
1.0
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
IGSS
Yfs
Min.
Typ.
Max.
Unit
Conditions
V(BR) DSS
IDSS
VGS (th)
RDS (on)
Ciss
Coss
Crss
td (on)
tr
td (off)
tf
Qg
Qgs
Qgd
Gate-source leakage
<MOSFET>
Drain-source breakdown voltage
Zero gate voltage drain current
Gate threshold voltage
Static drain-source on-state
resistance
Forward transfer admittance
Input capacitance
Output capacitance
Reverse transfer capacitance
Turn-on delay time
Rise time
Turn-off delay time
Fall time
Total gate charge
Gate-source charge
Gate-drain charge
∗Pulsed
10
µAVGS=12V, VDS=0V
VDD
15V, VGS= 4.5V
30
−−
VID= 1mA, VGS=0V
−−
1
µAVDS= 30V, VGS=0V
0.5
1.5
V
VDS= 10V, ID= 1mA
170
240
ID= 1.5A, VGS= 4.5V
180
250
m
m
m
ID= 1.5A, VGS= 4V
240
340
ID= 1.5A, VGS= 2.5V
1.5
−−
SVDS= 10V, ID= 1.5A
80
pF
VDS= 10V
14
12
pF
VGS=0V
7
pF
f=1MHz
9
ns
15
ns
6
ns
1.6
ns
0.5
2.2
nC
0.3
nC
ID= 1.5A
−−
nC
RL= 10
Ω, RG= 10Ω
VDD
15
V
ID= 0.75A
VGS= 4.5V
RL= 20
RG=10
VSD
−−
1.2
V
IS= 0.75A, VGS=0V
Forward voltage
<Body diode characteristics (Source-drain)>
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
VF
−−
0.36
V
IS= 0.1A
Forward voltage
−−
0.47
V
IS= 0.5A
IR
−−
100
µAIS= 20V
Reverse current
<Di>
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions


Similar Part No. - US5U1

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U1 ROHM-US5U1 Datasheet
62Kb / 3P
2.5V Drive NchSBD MOS FET
US5U1 ROHM-US5U1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
US5U1 ROHM-US5U1 Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
US5U1TR ROHM-US5U1TR Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
US5U1 ROHM-US5U1_1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
More results

Similar Description - US5U1

ManufacturerPart #DatasheetDescription
logo
Rohm
US5U1 ROHM-US5U1_1 Datasheet
67Kb / 4P
2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_1 Datasheet
68Kb / 4P
2.5V Drive NchSBD MOSFET
ES6U41 ROHM-ES6U41 Datasheet
185Kb / 6P
2.5V Drive NchSBD MOSFET
US6U37 ROHM-US6U37 Datasheet
134Kb / 5P
2.5V Drive NchSBD MOSFET
US5U3 ROHM-US5U3_07 Datasheet
80Kb / 4P
2.5V Drive NchSBD MOSFET
QS5U13 ROHM-QS5U13_06 Datasheet
90Kb / 5P
2.5V Drive NchSBD MOS FET
QS5U16 ROHM-QS5U16_06 Datasheet
90Kb / 5P
2.5V Drive NchSBD MOS FET
ES6U41 ROHM-ES6U41_12 Datasheet
198Kb / 5P
2.5V Drive NchSBD MOSFET
US5U3TR ROHM-US5U3TR Datasheet
73Kb / 4P
2.5V Drive NchSBD MOSFET
US5U1TR ROHM-US5U1TR Datasheet
71Kb / 4P
2.5V Drive Nch SBD MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com