Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543601 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LH543601
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LH543601 Datasheet HTML 3Page - Sharp Corporation LH543601 Datasheet HTML 4Page - Sharp Corporation LH543601 Datasheet HTML 5Page - Sharp Corporation LH543601 Datasheet HTML 6Page - Sharp Corporation LH543601 Datasheet HTML 7Page - Sharp Corporation LH543601 Datasheet HTML 8Page - Sharp Corporation LH543601 Datasheet HTML 9Page - Sharp Corporation LH543601 Datasheet HTML 10Page - Sharp Corporation LH543601 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 43 page
background image
ABSOLUTE MAXIMUM RATINGS
1
PARAMETER
RATING
Supply Voltage to VSS Potential
–0 .5 V to 7 V
Signal Pin Voltage to VSS Potential
3
–0 .5 V to VCC + 0.5 V
DC Output Current 2
± 40 mA
Storage Temperature Range
–6 5
oC to 150oC
Power Dissipation (Package Limit)
2 Watts (Quad Flat Pack)
NOTES:
1.
Stresses greater than those listed under ‘Absolute Maximum Ratings’ may cause
permanent damage to the device. This is a stress rating for transient conditions only.
Functional operation of the device at these or any other conditions outside those indicated
in the ‘Operating Range’ of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2.
Outputs should not be shorted for more than 30 seconds. No more than one output should be
shorted at any time.
3.
Negative undershoot of 1.5 V in amplitude is permitted for up to 10 ns, once per cycle.
OPERATING RANGE
SYMBOL
PARAMETER
MIN
MAX
UNIT
TA
Temperature,
Ambient
070
oC
VCC
Supply Voltage
4.5
5.5
V
VSS
Supply Voltage
00
V
VIL
Logic LOW
Input Voltage 1
–0 .5
0.8
V
VIH
Logic HIGH
Input Voltage
2.2
Vcc +
0.5
V
NOTE:
1.
Negative undershoot of 1.5 V in amplitude is permitted
for up to 10 ns, once per cycle.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ILI
Input Leakage Current
VCC = 5.5 V, VIN = 0 V To VCC
–10
10
µA
ILO
I/O Leakage Current
OE
≥ VIH, 0 V ≤ VOUT ≤ VCC
–10
10
µA
VOL
Logic LOW Output Voltage
IOL = 8.0 mA
0.4
V
VOH
Logic HIGH Output Voltage
IOH = –8 .0 mA
2.4
V
ICC
Average Supply Current 1, 2
Measured at fCC = max
180
280
mA
ICC2
Average Standby Supply
Current 1, 3
All Inputs = VIHMIN (Clocks idle)
13
25
mA
ICC3
Power-Down Supply
Current 1
All Inputs = VCC – 0.2 V (Clocks idle)
0.002
0.4
mA
ICC4
Power-Down Supply
Current 1, 3
All Inputs = VCC – 0.2 V
(Clocks at fcc = max)
610
mA
NOTES:
1.
ICC, ICC2, ICC3, and ICC4 are dependent upon actual output loading, and ICC and ICC4 are also dependent on cycle rates. Specified values are
with outputs open (for ICC: CL = 0 pF); and, for ICC and ICC4, operating at minimum cycle times.
2.
ICC (MAX.) using worst case conditions and data pattern. ICC (TYP.) using VCC = 5 V and and ‘average’ data pattern.
3.
ICC2 (TYP.) and ICC4 (TYP.) using VCC = 5 V and TA = 25
°C.
543601-39
TO ASSOCIATED
INPUT BUFFER,
IF ANY (SEE NOTE)
FROM PORT
INTERNAL
DATA BUS
(OR CONTROL
GATE)
DnA/B (OR FLAG)
15
NOTE: Output-only pins have no
associated input buffer.
Figure 4. Structure of Series Resistor
Input/Output Interface
256
× 36 × 2 Bidirectional FIFO
LH543601
7


Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
256 x 36 x 2 Bidirectional FIFO
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com