Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543601 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH543601
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH543601 Datasheet HTML 2Page - Sharp Corporation LH543601 Datasheet HTML 3Page - Sharp Corporation LH543601 Datasheet HTML 4Page - Sharp Corporation LH543601 Datasheet HTML 5Page - Sharp Corporation LH543601 Datasheet HTML 6Page - Sharp Corporation LH543601 Datasheet HTML 7Page - Sharp Corporation LH543601 Datasheet HTML 8Page - Sharp Corporation LH543601 Datasheet HTML 9Page - Sharp Corporation LH543601 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 43 page
background image
PIN DESCRIPTIONS
PIN
PIN TYPE
1
DESCRIPTION
GENERAL
VCC, VSS
V
Power, Ground
RS
I
Reset
PORT A
CKA
I
Port A Free-Running Clock
R/WA
I
Port A Edge-Sampled Read/Write Control
ENA
I
Port A Edge-Sampled Enable
A0A, A1A, A2A
I
Port A Edge-Sampled Address Pins
OEA
I
Port A Level-Sensitive Output Enable
REQA
I
Port A Request/Enable
RT2
I
FIFO #2 Retransmit
D0A – D35A
I/O/Z
Port A Bidirectional Data Bus
FF1
O
FIFO #1 Full Flag (Write Boundary)
AF1
O
FIFO #1 Programmable Almost-Full Flag (Write Boundary)
HF1
O
FIFO #1 Half-Full Flag
AE2
O
FIFO #2 Programmable Almost-Empty Flag (Read Boundary)
EF2
O
FIFO #2 Empty Flag (Read Boundary)
MBF2
O
New-Mail-Alert Flag for Mailbox #2
PFA
O
Port A Parity Flag
ACKA
O
Port A Acknowledge
PORT B
CKB
I
Port B Free-Running Clock
R/WB
I
Port B Edge-Sampled Read/Write Control
ENB
I
Port B Edge-Sampled Enable
A0B
I
Port B Edge-Sampled Address Pin
OEB
I
Port B Level-Sensitive Output Enable
WS0, WS1
I
Port B Word-Width Select
REQB
I
Port B Request/Enable
RT1
I
FIFO #1 Retransmit
D0B – D35B
I/O/Z
Port B Bidirectional Data Bus
FF2
O
FIFO #2 Full Flag (Write Boundary)
AF2
O
FIFO #2 Programmable Almost-Full Flag (Write Boundary)
HF2
O
FIFO #2 Half-Full Flag
AE1
O
FIFO #1 Programmable Almost-Empty Flag (Read Boundary)
EF1
O
FIFO #1 Empty Flag (Read Boundary)
MBF1
O
New-Mail-Alert Flag for Mailbox #1
PFB
O
Port B Parity Flag
ACKB
O
Port B Acknowledge
NOTE:
1.
I = Input, O = Output, Z = High-Impedance, V = Power Voltage Level
LH543601
256
× 36 × 2 Bidirectional FIFO
6


Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com