Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543601 Datasheet(PDF) 2 Page - Sharp Corporation

Part # LH543601
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601 Datasheet(HTML) 2 Page - Sharp Corporation

  LH543601 Datasheet HTML 1Page - Sharp Corporation LH543601 Datasheet HTML 2Page - Sharp Corporation LH543601 Datasheet HTML 3Page - Sharp Corporation LH543601 Datasheet HTML 4Page - Sharp Corporation LH543601 Datasheet HTML 5Page - Sharp Corporation LH543601 Datasheet HTML 6Page - Sharp Corporation LH543601 Datasheet HTML 7Page - Sharp Corporation LH543601 Datasheet HTML 8Page - Sharp Corporation LH543601 Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 43 page
background image
FUNCTIONAL DESCRIPTION (cont’d)
Two mailbox registers provide a separate path for
passing control words or status words between ports.
Each mailbox has a New-Mail-Alert Flag, which is syn-
chronized to the reading port’s clock. This mailbox func-
tion facilitates the synchronization of data transfers
between asynchronous systems.
Data-bypass mode allows Port A to directly transfer
data to or from Port B at reset. In this mode, the device
acts as a registered transceiver under the control of
Port A. For instance, a master processor on Port A can
use the data bypass feature to send or receive initializa-
tion or configuration information directly, to or from a
peripheral device on Port B, during system startup.
A word-width-select option is provided on Port B for
36-bit, 18-bit, or 9-bit data access. This feature allows
word-width matching between Port A and Port B, with no
additional logic needed. It also ensures maximum utiliza-
tion of bus bandwidths.
A Byte Parity Check Flag at each port monitors data
integrity. Control-Register bit 0 (zero) selects the parity
mode, odd or even. This bit is initialized for odd data parity
at reset; but it may be reprogrammed for even parity, or
back again to odd parity, as desired.
116
115
114
113
112
111
110
109
108
107
106
105
104
103
102
101
100
99
98
97
96
95
94
93
92
91
90
89
88
87
86
85
84
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
VCCO
D10A
D9A
D8A
VSSO
D7A
D6A
D5A
D4A
D3A
D2A
D1A
D0A
RS
RT1
D1B
D2B
D3B
D4B
D5B
D6B
D7B
D8B
D9B
D10B
D11B
VCCO
VSSO
VSSO
VCCO
VSSO
VCCO
49
50
D0B
VCCO
D24A
D25A
D26A
VSSO
D27A
D28A
D29A
D30A
D31A
D32A
D33A
D34A
D35A
RT2
D35B
D34B
D33B
D32B
D31B
D30B
D29B
D28B
D27B
D26B
D25B
VCCO
VSSO
VSS
VSSO
VCCO
VSSO
VCCO
543601-30
TOP VIEW
CHAMFERED
EDGE
Figure 1. Pin Connections for 132-Pin PQFP Package
(Top View)
PIN CONNECTIONS
LH543601
256
× 36 × 2 Bidirectional FIFO
2


Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com