Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543601 Datasheet(PDF) 16 Page - Sharp Corporation

Part # LH543601
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601 Datasheet(HTML) 16 Page - Sharp Corporation

Back Button LH543601 Datasheet HTML 12Page - Sharp Corporation LH543601 Datasheet HTML 13Page - Sharp Corporation LH543601 Datasheet HTML 14Page - Sharp Corporation LH543601 Datasheet HTML 15Page - Sharp Corporation LH543601 Datasheet HTML 16Page - Sharp Corporation LH543601 Datasheet HTML 17Page - Sharp Corporation LH543601 Datasheet HTML 18Page - Sharp Corporation LH543601 Datasheet HTML 19Page - Sharp Corporation LH543601 Datasheet HTML 20Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 43 page
background image
18-Bit Data Stream
36-Bit Data Stream
18
18
18
18
Bits
18-35
(2nd
Halfword)
Bits 0-17
(1st Halfword)
1st Halfword, then 2nd Halfword
D35A
D18A
D17A
D0A
D35B
D18B
D17B
D0B
PORT
A
PORT
B
543601-33
Figure 7a.
18-to-36 Defunneling Through FIFO #2
9-Bit Data Stream
36-Bit Data Stream
9
9
9
9
Bits 27-35
(4th Byte)
D35A
D27A
D26A
D18A
D35B
D27B
D26B
D18B
PORT
A
PORT
B
9
9
9
9
D17A
D9A
D8A
D0A
D17B
D9B
D8B
D0B
Bits 18-26
(3rd Byte)
Bits 9-17
(2nd Byte)
Bits 0-8
(1st Byte)
1st Byte, then 2nd Byte, then 3rd Byte, then 4th Byte
543601-35
Figure 7b.
9-to-36 Defunneling Through FIFO #2
PORT B WORD-WIDTH SELECTION
NOTES:
1.
The heavy black borders on register segments indicate the only
data paths used. The other byte segments of Port B do not par-
ticipate in the data path during defunneling.
2.
The defunneling process does not change the ordering of bits
within a byte. Halfwords (Figure 7a) or bytes (Figure 7b) are
transferred in parallel form from Port B to Port A.
3.
The word-width setting may be changed during system operation;
however, two clock intervals should be allowed for these signals
to settle, before again attempting to send data, and three
dummy words should be passed through initially. Also, incom-
plete data words may occur, when the word width is changed
from shorter to longer at an inappropriate point in the data block
passing through the FIFO.
LH543601
256
× 36 × 2 Bidirectional FIFO
16


Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com