Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543601 Datasheet(PDF) 15 Page - Sharp Corporation

Part # LH543601
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601 Datasheet(HTML) 15 Page - Sharp Corporation

Back Button LH543601 Datasheet HTML 11Page - Sharp Corporation LH543601 Datasheet HTML 12Page - Sharp Corporation LH543601 Datasheet HTML 13Page - Sharp Corporation LH543601 Datasheet HTML 14Page - Sharp Corporation LH543601 Datasheet HTML 15Page - Sharp Corporation LH543601 Datasheet HTML 16Page - Sharp Corporation LH543601 Datasheet HTML 17Page - Sharp Corporation LH543601 Datasheet HTML 18Page - Sharp Corporation LH543601 Datasheet HTML 19Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 43 page
background image
18-Bit Data Streams
36-Bit Data Stream
18
18
18
18
Bits 18-35
(2nd Halfword)
Bits
18-35
(2nd
Halfword)
Bits
0-17
(1st
Halfword)
Bits 0-17
(1st Halfword)
2nd Halfword, then 1st Halfword
1st Halfword, then 2nd Halfword
D35A
D18A
D17A
D0A
D35B
D18B
D17B
D0B
PORT
A
PORT
B
543601-32
Figure 6a.
36-to-18 Funneling Through FIFO #1
9-Bit Data Streams
36-Bit Data Stream
9
9
9
9
Bits 27-35
(4th Byte)
4th Byte, then 1st Byte, then 2nd Byte, then 3rd Byte
D35A
D27A
D26A
D18A
D35B
D27B
D26B
D18B
PORT
A
PORT
B
9
9
9
9
D17A
D9A
D8A
D0A
D17B
D9B
D8B
D0B
Bits 18-26
(3rd Byte)
Bits 9-17
(2nd Byte)
Bits 0-8
(1st Byte)
3rd Byte, then 4th Byte, then 1st Byte, then 2nd Byte
2nd Byte, then 3rd Byte, then 4th Byte, then 1st Byte
1st Byte, then 2nd Byte, then 3rd Byte, then 4th Byte
543601-34
Figure 6b.
36-to-9 Funneling Through FIFO #1
PORT B WORD-WIDTH SELECTION
NOTES:
1.
The heavy black borders on register segments indicate the main
data path, suitable for most applications. Alternate paths feature
a different ordering of bytes within a word, at Port B.
2.
The funneling process does not change the ordering of bits within
a byte. Halfwords (Figure 6a) or bytes (Figure 6b) are trans-
ferred in parallel form from Port A to Port B.
3.
The word-width setting may be changed during system operation;
however, two clock intervals should be allowed for these signals
to settle, before again attempting to read D0B – D35B, and three
dummy words should be passed through initially. Also, incom-
plete data words may occur, when the word width is changed
from shorter to longer at an inappropriate point in the data block
passing through the FIFO.
256
× 36 × 2 Bidirectional FIFO
LH543601
15


Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com