Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543601 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH543601
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH543601 Datasheet HTML 9Page - Sharp Corporation LH543601 Datasheet HTML 10Page - Sharp Corporation LH543601 Datasheet HTML 11Page - Sharp Corporation LH543601 Datasheet HTML 12Page - Sharp Corporation LH543601 Datasheet HTML 13Page - Sharp Corporation LH543601 Datasheet HTML 14Page - Sharp Corporation LH543601 Datasheet HTML 15Page - Sharp Corporation LH543601 Datasheet HTML 16Page - Sharp Corporation LH543601 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 43 page
background image
Table 3. Resource-Register Programming
RESOURCE-
REGISTER
ADDRESS
RESOURCE-REGISTER CONTENTS
A2A
A1A
A0A
NORMAL FIFO OPERATION
D35A
D0A
HH
H
X...
...X
MAILBOX
D35A
D0A
HH
L
X...
...X
AF2, AE2, AF1, AE1 FLAG OFFSETS REGISTER (36-BIT MODE)
D35A
D34A . . . D27A
D26A
D25A . . . D18A
D17A
D16A . . . D9A
D8A
D7A . . . D0A
HL
H
X
AF2 Offset 1
X
AE2 Offset 1
X
AF1 Offset 1
X
AE1 Offset 1
CONTROL REGISTER: (WRITE-ONLY) PARITY EVEN/ODD
D35A
D1A
D0A
H
L
L
X...
...X
Parity Mode 2
8-BIT AE1 FLAG OFFSET REGISTER
D35A
D8A
D7A . . . D0A
LH
H
X...
...X
AE1 Offset 1
8-BIT AF1 FLAG OFFSET REGISTER
D35A
D8A
D7A . . . D0A
LH
L
X...
...X
AF1 Offset
1
8-BIT AE2 FLAG OFFSET REGISTER
D35A
D8A
D7A . . . D0A
LL
H
X...
...X
AE2 Offset 1
8-BIT AF2 FLAG OFFSET REGISTER
D35A
D8A
D7A . . . D0A
L
L
L
X...
...X
AF2 Offset 1
NOTES:
1.
All four programmable-flag-offset values are initialized to eight (8) during a reset operation.
2.
Odd parity = HIGH; even parity = LOW. The parity mode is initialized to odd during a reset operation.
256
× 36 × 2 Bidirectional FIFO
LH543601
13


Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com