Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH543601 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LH543601
Description  256 x 36 x 2 Bidirectional FIFO
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH543601 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LH543601 Datasheet HTML 7Page - Sharp Corporation LH543601 Datasheet HTML 8Page - Sharp Corporation LH543601 Datasheet HTML 9Page - Sharp Corporation LH543601 Datasheet HTML 10Page - Sharp Corporation LH543601 Datasheet HTML 11Page - Sharp Corporation LH543601 Datasheet HTML 12Page - Sharp Corporation LH543601 Datasheet HTML 13Page - Sharp Corporation LH543601 Datasheet HTML 14Page - Sharp Corporation LH543601 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 43 page
background image
becomes valid on the data-bus pins (D0A – D35A or
D0B – D35B) by a time tA after the rising clock (CKA or
CKB) edge, provided that the data outputs are enabled.
OEA and OEB are assertive-LOW, asynchronous, Out-
put Enable control input signals. Their effect is only to
enable or disable the output drivers of the respective port.
Disabling the outputs does
not disable a read operation;
data transmitted to the corresponding output register will
remain available later, when the outputs again are en-
abled, unless it subsequently is overwritten.
When an empty condition is reached, read operations
are locked out until a valid write operation(s) has loaded
additional data into the FIFO. Following the first write to
an empty FIFO, the corresponding empty flag (EF) will be
deasserted (HIGH). The first read operation should begin
no earlier than a First Read Latency (tFRL) after the first
write to an empty FIFO, to ensure that correct read data
words are retrieved.
Dedicated FIFO Status Flags
Six dedicated FIFO status flags are included for Full
(FF1 and FF2), Half-Full (HF1 and HF2), and Empty (EF1
and EF2). FF1, HF1, and EF1 indicate the status of FIFO
#1; and FF2, HF2, and EF2 indicate the status of FIFO #2.
A Full Flag is asserted following the first subsequent
rising clock edge for a write operation which fills the FIFO.
A Full Flag is deasserted following the first subsequent
falling clock edge for a read operation to a full FIFO. A
Half-Full Flag is updated following the first subsequent
rising clock edge of a read or write operation to a FIFO
which changes its ‘half-full’ status. An Empty Flag is
asserted following the first subsequent rising clock edge
for a read operation which empties the FIFO. An Empty
Flag is deasserted following the falling clock edge for a
write operation to an empty FIFO.
Programmable Status Flags
Four programmable FIFO status flags are provided,
two for Almost-Full (AF1 and AF2), and two for Almost-
Empty (AE1 and AE2). Thus, each port has two program-
mable flags to monitor the status of the two internal FIFO
buffer memories. The offset values for these flags are
initialized to eight locations from the respective FIFO
boundaries during reset, but can be reprogrammed over
the entire FIFO depth.
An Almost-Full Flag is asserted following the first sub-
sequent rising clock edge after a write operation which
has partially filled the FIFO up to the ‘almost-full’ offset
point. An Almost-Full Flag is deasserted following the first
subsequent falling clock edge after a read operation
which has partially emptied the FIFO down past the
‘almost-full’ offset point. An Almost-Empty Flag is as-
serted following the first subsequent rising clock edge
after a read operation which has partially emptied the
FIFO down to the ‘almost-empty’ offset point. An Almost-
Empty Flag is deasserted following the first subsequent
falling clock edge after a write operation which has par-
tially filled the FIFO up past the ‘almost-empty’ offset
point.
Flag offsets may be written or read through the Port A
data bus. All four programmable FIFO status flag offsets
can be set simultaneously through a single 36-bit status
word; or, each programmable flag offset can be set
individually, through one of four eight-bit status words.
Table 3 illustrates the data format for flag-programming
words .
Also, Table 4 defines the meaning of each of the five
flags, both the dedicated flags and the programmable
flags, for the LH543601.
WARNING: Control inputs which may affect the compu-
tation of flag values at a port generally should not change
while the clock for that port is HIGH, since some updating
of flag values takes place on the
falling edge of the clock.
Mailbox Operation
Two mailbox registers are provided for passing system
hardware or software control/status words between ports.
Each port can read its own mailbox and write to the other
port’s mailbox. Mailbox access is performed on the rising
edge of the controlling FIFO’s clock, with the mailbox
address selected and the enable (ENA or ENB) HIGH.
That is, writing to Mailbox Register #1, or reading from
Mailbox Register #2, is synchronized to CKA; and writing
to Mailbox Register #2, or reading from Mailbox Register
#1, is synchronized to CKB.
The R/WA/B and OEA/B pins control the direction and
availability of mailbox-register accesses. Each mailbox
register has its own New-Mail-Alert Flag (MBF1 and
MBF2), which is synchronized to the reading port’s clock.
These New-Mail-Alert Flags are status indicators only,
and cannot inhibit mailbox-register read or write operations.
Request Acknowledge Handshake
A synchronous request-acknowledge handshake fea-
ture is provided for each port, to perform boundary syn-
chronization between asynchronously-operated ports.
The use of this feature is optional. When it is used, the
Request input (REQA/B) is sampled at a rising clock edge.
With REQA/B HIGH, R/WA/B determines whether a FIFO
read operation or a FIFO write operation is being re-
quested. The Acknowledge output (ACKA/B) is updated
during the following clock cycle(s). ACKA/B meets the
setup and hold time requirements of the Enable input
(ENA or ENB). Therefore, ACKA/B may be tied back to the
enable input to directly gate FIFO accesses, at a slight
decrease in maximum operating frequency.
The assertion of ACKA/B signifies that REQA/B was
asserted. However, ACKA/B does not depend logically on
ENA/B; and thus the assertion of ACKA/B does not prove
that a FIFO write access or a FIFO read access actually
took place. While REQA/B and ENA/B are being held
HIGH, ACKA/B may be considered as a synchronous,
predictive boundary flag. That is, ACKA/B acts as a syn-
OPERATIONAL DESCRIPTION (cont’d)
256
× 36 × 2 Bidirectional FIFO
LH543601
11


Similar Part No. - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
LH543621 SHARP-LH543621 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
More results

Similar Description - LH543601

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH5420 SHARP-LH5420 Datasheet
2Mb / 35P
   256 x 36 x 2 Bidirectional FIFO
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Integrated Device Techn...
IDT723622 IDT-IDT723622 Datasheet
294Kb / 26P
   CMOS SyncBiFIFOO 256 x 36 x 2, 512 x 36 x 2, 1024 x 36 x 2
logo
Renesas Technology Corp
IDT723622 RENESAS-IDT723622 Datasheet
370Kb / 25P
   CMOS SyncBiFIFOTM 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3622 IDT-IDT72V3622 Datasheet
217Kb / 29P
   3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT72V3622 RENESAS-IDT72V3622 Datasheet
385Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
FEBRUARY 2015
logo
Integrated Device Techn...
IDT72V3624 IDT-IDT72V3624 Datasheet
362Kb / 34P
   3.3 VOLT CMOS SyncBiFIFO WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
logo
Renesas Technology Corp
IDT723626 RENESAS-IDT723626 Datasheet
404Kb / 36P
   CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3624 RENESAS-IDT72V3624 Datasheet
446Kb / 35P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 256 x 36 x 2 1,024 x 36 x 2
MARCH 2018
IDT72V3626 RENESAS-IDT72V3626 Datasheet
742Kb / 37P
   3.3 VOLT CMOS TRIPLE BUS SyncFIFOTM WITH BUS-MATCHING 256 x 36 x 2, 512 x 36 x 2, 1,024 x 36 x 2
FEBRUARY 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com