Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 6 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 6 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 2Page - Sharp Corporation LH540215 Datasheet HTML 3Page - Sharp Corporation LH540215 Datasheet HTML 4Page - Sharp Corporation LH540215 Datasheet HTML 5Page - Sharp Corporation LH540215 Datasheet HTML 6Page - Sharp Corporation LH540215 Datasheet HTML 7Page - Sharp Corporation LH540215 Datasheet HTML 8Page - Sharp Corporation LH540215 Datasheet HTML 9Page - Sharp Corporation LH540215 Datasheet HTML 10Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 48 page
background image
PIN DESCRIPTIONS
PIN
NAME
PIN
TYPE
1
DESCRIPTION
D0 – D17
Data Inputs
I
Data inputs from an 18-bit bus.
RS
Reset
I
When RS is taken LOW, the FIFO’s internal read and write pointers are set to
address the first physical location of the RAM array; FF, PAF, and HF go HIGH;
and PAE and EF go LOW. The programmable-flag-offset registers
and the
Control Register are set to their default values. (But see the description of
EMODE, below.) A reset operation is required before an initial read or write
operation after power-up.
EMODE
Enhanced
Operating
Mode
I
When EMODE is tied LOW, the default setting for Control Register bits 00-05
after a reset operation changes to HIGH rather than LOW, thus enabling all
Control-Register-controllable Enhanced Operating Mode features, and
allowing access to the Control Register for reprogramming or readback.
(See Tables 1, 2, and 5.) If this behavior is desired, EMODE may be
grounded; however, Control Register bits 00-05 still may be individually
programmed to selectively enable or disable certain of the Enhanced Mode
features, even though those features associated with interlocked-paralleled
operation always are enabled whenever EMODE is being asserted. (See
Table 2.) Alternatively, EMODE may be tied to VCC, so that the FIFO is
functionally IDT-compatible, and the Control Register is not accessible or
visible, and all of its bits remain LOW. Controlling EMODE dynamically
during system operation is not recommended.
WCLK
Write Clock
I
Data is written into the FIFO on a LOW-to-HIGH transition of WCLK, whenever
WEN (Write Enable) is being asserted (LOW), and LD is HIGH. If LD is LOW, a
programmable register rather than the internal FIFO memory is written into.
In the
Enhanced Operating Mode, WEN2 is ANDed with WEN to produce an
effective internal write-enable signal.
2
WEN
Write Enable
I
When WEN is LOW and LD is HIGH, an 18-bit data word is written into the FIFO
on every LOW-to-HIGH transition of WCLK. When WEN is HIGH, the FIFO
internal memory continues to hold the previous data. (See Table 3.) Data will not
be written into the FIFO if FF is LOW.
In the Enhanced Operating Mode, WEN2
is ANDed with WEN to produce an effective internal write-enable signal.
2
RCLK
Read Clock
I
Data is read from the FIFO on a LOW-to-HIGH transition of RCLK whenever REN
(Read Enable) is being asserted (LOW), and LD is HIGH. If LD is LOW, a
programmable register rather than the internal FIFO memory is read from.
In the
Enhanced Operating Mode, REN2 is ANDed with REN (and whenever
Control Register bit 05 is HIGH, also with OE) to produce an effective
internal read-enable signal.
2
REN
Read Enable
I
When REN is LOW and LD is HIGH, an 18-bit data word is read from the FIFO on
every LOW-to-HIGH transition of RCLK. When REN is HIGH, and/or also when
EF is LOW, the FIFO’s output register continues to hold the previous data word,
whether or not Q0 – Q17 (the data outputs) are enabled. (See Table 3.) In the
Enhanced Operating Mode, REN2 is ANDed with REN (and whenever
Control Register bit 05 is HIGH, also with OE) to produce an effective
internal read-enable signal.
2
OE
Output Enable
I
When OE is LOW, the FIFO’s data outputs drive the bus to which they are
connected. If OE is HIGH, the FIFO’s outputs are in high-Z (high-impedance)
state.
In the Enhanced Operating Mode, OE not only continues to control the
outputs in this same manner, but also can function as an additional ANDing
input to the combined effective read-enable signal, along with REN and
REN2, whenever Control Register bit 05 is HIGH. (See Table 5.)
2
1 I = Input, O = Output, Z = High-Impedance, V = Power Voltage Level
2 The ostensible differences in signal assertiveness are reconciled before ANDing.
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
6


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com