Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 44 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 44 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 40Page - Sharp Corporation LH540215 Datasheet HTML 41Page - Sharp Corporation LH540215 Datasheet HTML 42Page - Sharp Corporation LH540215 Datasheet HTML 43Page - Sharp Corporation LH540215 Datasheet HTML 44Page - Sharp Corporation LH540215 Datasheet HTML 45Page - Sharp Corporation LH540215 Datasheet HTML 46Page - Sharp Corporation LH540215 Datasheet HTML 47Page - Sharp Corporation LH540215 Datasheet HTML 48Page - Sharp Corporation  
Zoom Inzoom in Zoom Outzoom out
 44 / 48 page
background image
The GAL20RA10B and GAL22V10C PLDs each pro-
vide ten macrocells. One macrocell may be configured to
operate as a simple inverting or non-inverting buffer, a
simple NAND or AND gate, an AND-OR gate, or a flipflop
with an AND-OR input structure. The GAL20RA10B
macrocell architecture in particular supports the imple-
mentation of an asynchronous-set/reset clocked D flipflop
like the one shown in Figure 29b, except for some polarity
differences at certain points within the logic diagram. If a
slower implementation of the final AND gate can be
tolerated in a given application, a single GAL20RA10B
may be used to implement the circuit of Figure 29b five
times, thus allowing for a cascade six FIFOs deep, with
no second PLD being necessary. The GAL20RA10B and
GAL22V10C PLDs are manufactured by Lattice Semi-
conductor Corporation, 5555 Northeast Moore Court,
Hillsboro, OR 97124, USA.
Width Expansion Along With Depth Cascading
In principle, width expansion may be used with either
of the two possible depth-cascading schemes.
However, when using the token-passing depth-cas-
cading scheme, width expansion reduces simply to plac-
ing two or more cascades in parallel. In this mode of
interconnection, no architectural support is available for
interlocked-paralleled operation. Composite-flag logic
may, of course, be designed to fit any complete array
configuration, to determine meaningful full and empty
indications for the entire array. This logic may, for in-
stance, OR the FF and EF signals from the devices at the
same relative position in each of the paralleled cascades,
and then AND all of the rank-FF signals together; and
likewise for all of the rank-EF signals. Then, the entire
array is indicated to be full, if all ranks of devices (across
the paralleled cascades) are individually full; and, simi-
larly for empty.
When using the pipelined depth-cascading scheme,
on the other hand, the first rank of devices (the one which
receives input data words from the external system) and
the last rank of devices (the one which provides output
data words to the external system) may be operated in an
interlocked-paralleled manner. Figure 30 shows a sug-
gested interconnection scheme for two paralleled cas-
cades, each three devices deep. The entire array of
Figure 30 would comprise a 3072
× 36 ‘effective FIFO,’ if
implemented with 1024
× 18 LH540225 devices. When-
ever the number of paralleled cascades exceeds two, a
small amount of external logic is necessary to implement
the interlocking.
CK
D
Q
AS
TRANSFER
CLOCK
AR
WEN2
(DEVICE n)
FF
(DEVICE n)
EF2
(DEVICE n-1)
RESET
NOTES:
1. AS sets Q=1 regardless of CK or D. (Asynchronous Set.)
AR sets Q=0 regardless of CK or D. (Asynchronous Reset.)
2. Q=0 occurs if and only if device n-1 goes completely
empty and device n goes completely full. Q=0 is
maintained as long as these conditions persist.
3. This circuit is used as block 'A' in Figure 29a and in
Figure 30.
540215-31
BOLD ITALIC = Enhanced Operating Mode.
Figure 29b. External Logic Needed for
TI-Style Pipelined Depth Cascading
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
44


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com