Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 42 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 42 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 38Page - Sharp Corporation LH540215 Datasheet HTML 39Page - Sharp Corporation LH540215 Datasheet HTML 40Page - Sharp Corporation LH540215 Datasheet HTML 41Page - Sharp Corporation LH540215 Datasheet HTML 42Page - Sharp Corporation LH540215 Datasheet HTML 43Page - Sharp Corporation LH540215 Datasheet HTML 44Page - Sharp Corporation LH540215 Datasheet HTML 45Page - Sharp Corporation LH540215 Datasheet HTML 46Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 48 page
background image
Depth Cascading Using Pipelining
Using the pipelining approach, depth cascading is
implemented by connecting the required number of
LH540215/25s in series. Within the cascade, the Data
Outputs of each device are connected to the Data Inputs
of the next device. (See Figure 29a.) All devices in the
cascade must be in
the Enhanced Operating Mode;
thus, their
EMODE inputs must be grounded.
Successive devices in the cascade are crosscoupled;
they control each other, using a ‘handclasp’ scheme for
crossconnecting their control inputs and their status out-
puts. (See again Figure 29a.) The input side of the first
device, and the output side of the last device, are not
crosscoupled to other devices. Their control/status and
clock pins are connected to the external system.
For the FIFO devices within the cascade, transferring
data from each device to the next device is governed by
a clock. Preferably, the same clock should be used at
every FIFO-to-FIFO data-transfer interface boundary
within the cascade. This ‘Transfer Clock’ may be either
the external Write Clock, or the external Read Clock. If
both of these two clocks are periodic and free-running,
the faster of the two is the obvious choice for the ‘Transfer
Clock.’ Of course, in principle, the ‘Transfer Clock’ may
even be some other, totally-different clock.
The Empty Flag of each device is used to govern
writing into the next device, and the Full Flag of each
device is used to govern reading from the preceding
device. Since the standard Empty Flag EF occurs one
RCLK cycle too early to properly enable/disable the next
device,
the duplicate Empty Flag EF2 is used instead;
EF2 is an exact copy of EF, except that it is delayed
by one full RCLK cycle with respect to EF.
Also, since the usual enable signals WEN and REN
have the wrong polarity to function properly in this ‘hand-
clasp’ mode, they are grounded for all devices within the
cascade.
The duplicate but inverted signals WEN2
and REN2 are used instead.
EF2, WEN2, and REN2 are available only in En-
hanced Operating Mode. They share the same pins
which in IDT-Compatible Operating Mode are used
respectively for RXO, WXI, and RXI. Hence, for pipe-
lined operation, all devices in the cascade must be in
the Enhanced Operating Mode; their EMODE control
inputs must be grounded.
When all of the foregoing conditions have been met in
the interconnection of the pipelined array, then: At each
device-to-device interface boundary within the array, a
data word is transferred from the upstream device to the
downstream device after
every transfer-clock rising edge,
as long as the upstream device is not empty and the
downstream device is not full.
There is one possible anomalous behavior, which can
occur if at any time the device upstream from a FIFO-to-
FIFO boundary (‘device n-1’) becomes totally empty, at
the same time as the downstream device (‘device n’)
becomes totally full. Under these relatively-infrequent
conditions, one extra copy of the last word transferred out
of device n-1, which remains still available at the outputs
of that device, gets introduced into the data stream. The
simple circuit illustrated in Figure 29b avoids introducing
this extra word, and does not slow down the operation of
the pipeline if it is implemented with logic which is suffi-
ciently fast. Table 6 indicates the speed requirements for
this circuit which correspond to the various speed grades
of LH540215/25. If the infrequent introduction of such an
extra word is not of concern for a given cascaded-
LH540215/25 application, the circuit of Figure 29b may
safely be omitted.
Table 6. Required External-Logic Speeds for
Pipelined Depth-Cascading Operation at
Maximum Rate of Speed Grade
SPEED GRADE (CYCLE TIME)
20 ns
25 ns
35 ns
Ta
≤ 8 ns
≤ 10 ns
≤ 15 ns
Tb
≤ 15 ns
≤ 19 ns
≤ 28 ns
NOTES:
1.
Ta is the setup time for the signal ‘FF (DEVICE n),’ including the
delay of the assertive-LOW AND gate, with respect to the clock.
2.
Tb is the clock-to-output time for the signal ‘WEN2 (DEVICE n),’
including the delay of the assertive-HIGH AND gate.
Two PLDs (Programmable Logic Devices) suffice to
implement the circuit of Figure 29b ten times, which
allows for the cascading of LH540215/25s eleven deep.
The choice of a GAL20RA10B-10 PLD to implement the
flipflop and the two AND gates at its inputs, and a
GAL22V10C-5 PLD to implement the simple AND gate
which follows the flipflop, provides a sufficiently fast circuit
to allow a cascade of LH540215/25-20 devices (the fast-
est speed grade presently offered by Sharp) to operate
with no speed degradation. Designers experienced in
using PLDs may recognize other implementations.
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
42


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com