Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 39 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 39 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 35Page - Sharp Corporation LH540215 Datasheet HTML 36Page - Sharp Corporation LH540215 Datasheet HTML 37Page - Sharp Corporation LH540215 Datasheet HTML 38Page - Sharp Corporation LH540215 Datasheet HTML 39Page - Sharp Corporation LH540215 Datasheet HTML 40Page - Sharp Corporation LH540215 Datasheet HTML 41Page - Sharp Corporation LH540215 Datasheet HTML 42Page - Sharp Corporation LH540215 Datasheet HTML 43Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 48 page
background image
When standalone-mode LH540215/25 devices are
paralleled, the behavior of the status flags is identical for
all devices; so, in principle, a representative value for
each of these flags could be derived from any one device.
In practice, it is better to derive ‘composite’ flag values
using external logic, since there may be minor speed
variations between different actual devices. After writing
or reading have been in a disabled state, the process of
re-enabling should be gated by the slowest FIFO.
For m paralleled FIFOs, the form of this external
composite-flag logic may be an OR gate with m asser-
tive-LOW inputs and an assertive-LOW output. In keep-
ing with deMorgan’s Theorem, such a gate may be
implemented as an AND gate with m assertive-HIGH
inputs and an assertive-HIGH output. Figure 27 illustrates
the case m = 2.
The LH540215/25 architecture supports two very dif-
ferent methods of depth cascading:
Token passing, which follows the scheme used in the
pin-compatible and functionally-compatible Integrated
Device Technology IDT72205B /15B/25B/35B/45B
FIFOs, which the LH540215/25 can directly replace.
Pipelining, which follows the scheme used in the Texas
Instruments SN74ACT7801/11/81 FIFOs, and also in the
Sharp LH543620 1024
×36 FIFO. The SN74ACT7801/11/81
pinout closely resembles the LH540215/25 pinout, but is
not identical.
Depth Cascading Using Token Passing
Using the token-passing approach, depth cascading
is implemented by configuring the required number of
LH540215/25s in a circular ‘ring’ fashion, with the Expan-
sion Out outputs (WXO/HF and RXO/
EF2) of each device
tied to the Expansi on In inputs (WXI/
WEN2 and
RXI/
REN2) of the next device. (See Figure 28.) Because
a reset operation forces the WXO/HF and RXO/
EF2
outputs HIGH for each device, the WXI/
WEN2 and
RXI/
REN2 inputs for the next device are HIGH during the
reset operation; thus, these two inputs are HIGH for all
devices in the ring. (See Tables 1 and 2, and also Figure
28.) All devices in the cascade must be in the IDT-Com-
patible Operating Mode; thus, their
EMODE inputs must
be tied to Vcc.
One FIFO in the cascade must be designated as the
‘first-load’ device, by tying its First Load input (FL/
RT) to
ground. All other devices must have their FL/
RT inputs
tied HIGH. Under these circumstances, the Retransmit
function is not available for use.
In this mode, the control inputs which govern writing
(WCLK and WEN) and the control inputs which govern
reading (RCLK and REN) are shared by all devices, while
logic within each LH540215/25 governs the steering of
data. The common Data Inputs of all devices are tied
together; but only one LH540215/25 is enabled during
any given write cycle. Likewise, the common three-state
Data Outputs of all devices are wire-ORed together; but
only one LH540215/25 is enabled, including its three-
state outputs, during any given read cycle. A data word is
handled only by one device as it passes through the
cascade of FIFOs, regardless of how many FIFOs are
being cascaded together.
In the token-passing depth-cascaded mode, external
logic should be used to generate a composite Full Flag
and a composite Empty Flag, by ANDing the FF outputs
of all LH540215/25 devices together and by ANDing the
EF outputs of all devices together, using AND gates with
assertive-LOW inputs and an assertive-LOW output.
Here, the meaning of these composite flags is direct: the
cascade of FIFOs is full, if and only if all k FIFOs belonging
to the cascade are individually full; and similarly for empty.
In keeping with deMorgan’s Theorem, these k-input as-
sertive-LOW AND gates are implemented physically as
k-input assertive-HIGH OR gates. Figure 28 illustrates the
case k = 3.
Similar external logic also may be used to generate a
composite Programmable Almost-Full Flag and a com-
posite Programmable Almost-Empty Flag, by ANDing the
PAF outputs of all LH540215/25 devices together and by
ANDing the PAE outputs of all devices together. Here,
however, some careful analysis is required, to determine
exactly what the resulting composite flags mean. Their
significance may vary widely, depending on the number
of FIFOs in the cascade, and on the ‘offset’ values which
are present in the offset registers for these FIFOs. More
complex logical combinations of PAF outputs with FF
outputs, and of PAE outputs with EF outputs, may be
found useful in particular applications.
In any case, the Half-Full Flag and the Retransmit
function are not available for devices being used in token-
passing depth-cascaded mode.
BOLD ITALIC = Enhanced Operating Mode
512 x 18/1024 x 18 Synchronous FIFO
LH540215/25
39


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com