Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 38 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 38 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 34Page - Sharp Corporation LH540215 Datasheet HTML 35Page - Sharp Corporation LH540215 Datasheet HTML 36Page - Sharp Corporation LH540215 Datasheet HTML 37Page - Sharp Corporation LH540215 Datasheet HTML 38Page - Sharp Corporation LH540215 Datasheet HTML 39Page - Sharp Corporation LH540215 Datasheet HTML 40Page - Sharp Corporation LH540215 Datasheet HTML 41Page - Sharp Corporation LH540215 Datasheet HTML 42Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 48 page
background image
APPLICATIONS INFORMATION
Standalone Configuration
When depth cascading is not required for a given
application, the LH540215/25 is placed in standalone
mode by tying the two Expansion In pins WXI/
WEN2 and
RXI/
REN2 to ground, while also holding the First
Load/Retransmit pin FL/
RT LOW for the duration of any
reset operation. (See Table 1.) Subsequently, FL/
RT may
be taken HIGH at will, whenever a retransmit operation is
desired. If not being used, FL/RT also may be tied to
ground, as shown in Figure 26.
Width Expansion
Word-width expansion is implemented by placing mul-
tiple LH540215/25 devices in parallel. Each device should
be configured for standalone mode, unless the depth of
one single FIFO is not adequate for the application. In this
event, word-width expansion may in principle be used
with either of the two depth-cascading schemes sup-
ported by the LH540215/25 architecture. In practice, the
reliability benefits of interlocked-paralleled operation are
available only with the pipelining scheme, making it the
preferred alternative. (Refer to discussion in a later sec-
tion.)
RXI
RCLK
540215-19
tXI
tXIS
Figure 25. Read-Expansion-In Timing,
IDT-Compatible Operating Mode
WRITE ENABLE (WEN)
WRITE CLOCK (WCLK)
LOAD (LD)
DATA IN
FULL FLAG (FF)
PROGRAMMABLE
ALMOST-EMPTY FLAG (PAE)
HALF-FULL FLAG (WXO/HF)
READ CLOCK (RCLK)
READ ENABLE (REN)
OUTPUT ENABLE (OE)
DATA OUT
EMPTY FLAG (EF)
PROGRAMMABLE
ALMOST-FULL FLAG (PAF)
WRITE EXPANSION IN (WXI/
WEN2)
FIRST LOAD (FL/
RT)
(MUST BE LOW
DURING A RESET
OPERATION)
540215-21
LH540215/25
RESET (RS)
ENHANCED
MODE (EMODE)
BOLD ITALIC = Enhanced Operating Mode.
READ EXPANSION IN (RXI/
REN2)
D[17:0]
Q[17:0]
18
18
Figure 26. Standalone FIFO
(512
× 18 / 1024 × 18)
TIMING DIAGRAMS (cont’d)
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
38


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com