Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 36 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 36 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 32Page - Sharp Corporation LH540215 Datasheet HTML 33Page - Sharp Corporation LH540215 Datasheet HTML 34Page - Sharp Corporation LH540215 Datasheet HTML 35Page - Sharp Corporation LH540215 Datasheet HTML 36Page - Sharp Corporation LH540215 Datasheet HTML 37Page - Sharp Corporation LH540215 Datasheet HTML 38Page - Sharp Corporation LH540215 Datasheet HTML 39Page - Sharp Corporation LH540215 Datasheet HTML 40Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 48 page
background image
Q [17:0]
RCLK
FL/RT
FF
PAF
HF
PAE
EF
REN1
540215-28
DR1
tENS
tRSF
DRT1
2
DRT2
NOTES:
1. It is not necessary for REN to be LOW for the device to recognize a retransmit request.
2. In order to actually read data words from the memory arrary, in IDT-Compatible
Operating Mode, REN = LOW;
in Enhanced Operating Mode, also REN2 = HIGH
(and OE = LOW, if Control Register bit 05 = HIGH). In any case, LD = HIGH.
3. DRT1 is the data item in physical location zero of the FIFO memory array.
4. The asynchronous intermediate flags (corresponding to LOW Control-Register bits) will
show correct status three RCLK cycles after a retransmit operation, as is shown above.
(RT3, in the above RCLK waveform.)
5. The intermediate flags which have been synchronized to RCLK, by setting the appropriate
Control-Register bits to HIGH will show correct status after
, four RCLK cycles after a
retransmit operation. (RT4, in the above RCLK waveform.)
6. The intermediate flags which have been synchronized to WCLK, by setting the appropriate
Control-Register bits HIGH, will show correct status on the second WCLK rising edge after
,
assuming that tSKEW1 was satisfied at
; otherwise the flags will become valid on the third
WCLK rising edge after
.
7. Immediately after a reset operation, before any write operations have taken place, a retransmit
operation is a 'no-op', and does not change the state of any FIFO registers or flags.
8. In the special case that the FIFO memory array contains only one valid data item, the status
of HF and PAF should be ignored on a retransmit.
tENS
tENH
DR2
tA
tA
tPAF
R1
R2
RT1
RT2
RT3
RT4
tWFF
tHF
tPAE
tREF
NEW VALID FF
NEW VALID PAF
NEW VALID HF
NEW VALID PAE
NEW VALID EF
UNKNOWN
UNKNOWN
UNKNOWN
PREVIOUS VALID FF
PREVIOUS VALID PAF
PREVIOUS VALID HF
PREVIOUS VALID PAE
PREVIOUS VALID EF
AB
A
B
tA
tA
A
A
Figure 21. Retransmit Timing
TIMING DIAGRAMS (cont’d)
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
36


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com