Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 27 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 27 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 23Page - Sharp Corporation LH540215 Datasheet HTML 24Page - Sharp Corporation LH540215 Datasheet HTML 25Page - Sharp Corporation LH540215 Datasheet HTML 26Page - Sharp Corporation LH540215 Datasheet HTML 27Page - Sharp Corporation LH540215 Datasheet HTML 28Page - Sharp Corporation LH540215 Datasheet HTML 29Page - Sharp Corporation LH540215 Datasheet HTML 30Page - Sharp Corporation LH540215 Datasheet HTML 31Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 48 page
background image
540215-10
Q0 - Q17
REN
RCLK
EF
OE
WEN
D0 - D17
WCLK
DATA READ
tDS
DATA IN OUTPUT REGISTER
tDS
DATA WRITE 1
DATA WRITE 2
tENS
tENH
tENH
tENS
tFRL(2)
tSKEW2(1)
tSKEW2(1)
tREF
tREF
tREF
tA
tFRL(2)
NOTES:
1. tSKEW2 is the minimum time between a rising WCLK edge and a
rising RCLK edge for EF to change predictably during the current
clock cycle. If the time between the rising edge of WCLK and the
rising edge of RCLK is less than tSKEW2, then it is not guaranteed
that EF will change state until the next following RCLK edge.
2. tFRL (First-Read Latency) is the minimum time between a rising WCLK
edge and a rising RCLK edge to assure a correct readout of the first data
word D0 in response to the next RCLK edge. Thus, tFRL = tCLK + tSKEW2.
If tFRL is not met, D0 may be available either at tCLK + tSKEW2, or after
one more clock cycle delay at 2 tCLK + tSKEW2. The First-Read Latency
timing restrictions apply only when the FIFO has been empty (EF = LOW).
3. EF may be used to determine when the first data word D0 may be read.
D0 always is available on the next cycle after EF has gone HIGH.
LOW
BOLD ITALIC = Enhanced Operating Mode.
EF2
tREF
tREF
Figure 11. Empty-Flag Timing
TIMING DIAGRAMS (cont’d)
512 x 18/1024 x 18 Synchronous FIFO
LH540215/25
27


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com