Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 18 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 18 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 14Page - Sharp Corporation LH540215 Datasheet HTML 15Page - Sharp Corporation LH540215 Datasheet HTML 16Page - Sharp Corporation LH540215 Datasheet HTML 17Page - Sharp Corporation LH540215 Datasheet HTML 18Page - Sharp Corporation LH540215 Datasheet HTML 19Page - Sharp Corporation LH540215 Datasheet HTML 20Page - Sharp Corporation LH540215 Datasheet HTML 21Page - Sharp Corporation LH540215 Datasheet HTML 22Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 48 page
background image
But, if EMODE is asserted (LOW), then still another
18-bit data word from the data inputs D0 – D17 is
written into the Control Register at the third rising
edge of WCLK. At the fourth rising edge of WCLK,
writing again occurs to the Programmable-Almost-
Empty-Flag-Offset-Value Register; and the same
three-step writing sequence gets repeated on sub-
sequent WCLK rising edges.
The lower nine bits of these offset-value words are
made use of by the 512-word LH540215, and the lower
ten bits by the 1024-word LH540225.
Six active bits are
used for the Control Register, by both the LH540215
and the LH540225. There is no restriction on the values
which may occur in these offset-value
and Control-Reg-
ister fields. However, reserved bit positions must be
encoded LOW, in order to maintain forward compatibility.
Writing contents to these two
or three programmable
registers does not have to occur all at one time, or to be
effected by one single sequence of steps. Whenever LD
is being asserted (is LOW) but WEN is not being asserted
(is HIGH), the FIFO’s internal programmable-register-
write-address pointer maintains its present value, without
any writing actually taking place at each rising edge of
WCLK. (See Table 3.) Thus, for instance, one or two
programmable registers may be written, after which the
FIFO may be returned to normal FIFO-array-read/write
operation by deasserting LD (to HIGH).
Likewise, whenever LD and REN are simultaneously
being asserted (are both LOW) the 18-bit data word
(zero-filled as necessary) from the Programmable-Al-
most-Empty-Flag-Offset-Value Register is read to the
data outputs Q0 – Q17 at the first rising edge (LOW-to-
HIGH transition) of the read clock (RCLK). (See Table 3.)
If LD and REN continue to be simultaneously asserted,
another 18-bit data word from the Programmable-Almost-
Full-Flag-Offset-Value Register is read to the data outputs
Q0 – Q17 at the second rising edge of RCLK.
What happens next is determined by the state of the
EMODE control input. If it is deasserted (HIGH), the next
18-bit word again comes from the Programmable-Almost-
Empty-Flag-Offset-Value Register; it is read to the data
outputs Q0 – Q17.
But, if EMODE is asserted (LOW), then the next
18-bit data word instead comes from the Control
Register; it is read to the data outputs Q0 – Q17 at the
third rising edge of RCLK. At the fourth rising edge
of RCLK, reading again occurs from the Programma-
ble-Almost-Empty-Flag-Offset-Value Register; and
the same three-step reading sequence gets repeated
on subsequent RCLK rising edges.
Reading contents from these two or
three programma-
ble registers does not have to occur all at one time, or to
be effected by one single sequence of steps. Whenever
LD is being asserted (is LOW) but REN is not being
asserted (is HIGH), the FIFO’s internal programmable-
register-read-address pointer maintains its present value,
without any reading actually taking place at each rising
edge of RCLK. (See Table 3.) Thus, for instance, one or
two programmable registers may be read, after which the
FIFO may be returned to normal FIFO-array-read/write
operation by deasserting LD (to HIGH).
To ensure correct operation, the simultaneous reading
and writing of a register should be avoided.
FIRST LOAD/
RETRANSMIT (FL/RT)
FL
/RT is a dual-purpose signal. It is one of four input
signals which select the grouping mode in which the FIFO
operates after being reset; the other three of these input
signals are WXI/
WEN2, RXI/REN2, and EMODE. There
are four possible grouping modes: standalone, inter-
locked paralleled, cascaded ‘master’ or ‘first-load,’ and
cascaded ‘slave.’ The designations ‘master’ and ‘slave’
pertain to IDT-compatible depth cascading. Tables 1 and
2 show the signal encodings which select each grouping
mode.
In standalone or paralleled operation, the FL/
RT pin
should be grounded for strict IDT72215B/25B-compatible
operation.
However, if it is taken HIGH, regardless of
the state of the EMODE control input, the FIFO’s
internal read-address pointer is reset to address the
FIFO’s first physical memory location, without the
other usual reset actions being taken; in particular,
the FIFO’s internal write-address pointer is unaf-
fected. Subsequent read operations may then again
read out the same block of data, delimited by the
FIFO’s first physical memory location and the current
value of the write pointer, as was read out previously.
There is no limit on the number of times that a block
of data may be retransmitted. The only restrictions
are that neither the read-address pointer nor the
write-address pointer may ‘wrap around’ and address
the FIFO’s first physical memory location a second
time during the retransmission process, and that the
retransmit facility is unavailable during cascaded opera-
tion.
In IDT-compatible cascaded operation, FL/
RT is
grounded for the ‘master’ or ‘first-load’ FIFO, to distinguish
it from the other ‘slave’ FIFOs in the cascade, which must
all have their FL/
RT inputs HIGH during a reset operation.
(See again Tables 1 and 2.) The cascade will not operate
correctly either without any ‘master’ FIFO, or with more
than one ‘master’ FIFO.
WRITE EXPANSION INPUT/
WRITE ENABLE 2
(WXI/
WEN2)
WXI
/WEN2 is a dual-purpose signal. It is one of four
input signals which select the grouping mode in which the
FIFO operates after being reset; the other three of these
input signals are FL/
RT, RXI/REN2, and EMODE. There
are
four possible grouping modes: standalone, inter-
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
18


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com