![]() |
Electronic Components Datasheet Search |
|
LH540215 Datasheet(PDF) 15 Page - Sharp Corporation |
|
|
LH540215 Datasheet(HTML) 15 Page - Sharp Corporation |
15 / 48 page ![]() Data Inputs DATA IN (D0 – D17) Data, programmable-flag-offset values, and Control- Register codes are input to the FIFO as 18-bit words on D0 – D17. Unused bit positions in offset-value and Con- trol-Register words should be zero-filled. Control Inputs RESET (RS) The FIFO is reset whenever the asynchronous Reset (RS) input is taken to a LOW state. A reset operation is required after power-up, before the first write operation may occur. The state of the FIFO is fully defined after a reset operation. If the default values which are entered into the Programmable-Flag-Offset-Value Registers and the Control Register by a reset operation are accept- able, then no device programming is required. A reset operation initializes the FIFO’s internal read-address and write-address pointers to the FIFO’s first physical memory location. The five status flags, FF, PAF, HF, PAE, and EF, are updated to indicate that the FIFO is completely empty; thus, the first three of these are reset to HIGH, and the last two are reset to LOW. The flag-offset values for PAF and PAE each are initialized to one-eighth of the depth of a single FIFO, minus one; 63 for a 512-word FIFO, and 127 for a 1024-word FIFO. If EMODE is not being as- serted (i.e., if EMODE is HIGH), all Control Register bits are initialized to LOW, to configure the FIFO to operate in the IDT72215B/25B-Compatible Operating Mode. Until a write operation occurs, the data outputs D0 – D17 all are LOW whenever OE is LOW. ENHANCED OPERATING MODE (EMODE) Whenever EMODE is asserted during a reset op- eration, Control Register bits 00 – 05 remain HIGH rather than LOW after the completion of the reset operation. Thus, EMODE has the effect of activating all of the Enhanced-Operating-Mode features during a reset operation. Subsequently, they may be indi- vidually disabled or re-enabled by changing the set- ting of Control-Register bits. The behavior of these Enhanced-Operating-Mode features is described in Table 5. For permanent Enhanced-Operating-Mode operation, EMODE must be grounded; dynamic con- trol of EMODE during system operation is not recom- mended. Asserting EMODE during a reset operation also causes WXI/WEN2 to be configured as WEN2, and RXI/REN2 to be configured as REN2, to support inter- locked-paralleled operation of two FIFOs ‘side by side. (See Figure 27.) Additionally, RXO/EF2 is config- ured as EF2, which duplicates the EF signal with one extra RCK cycle delay, in order to provide proper timing for ‘pipelined’ cascaded operation. WRITE CLOCK (WCLK) A rising edge (LOW-to-HIGH transition) of WCLK initi- ates a FIFO write cycle if LD is HIGH, or a programma- ble-register write cycle if LD is LOW. The 18 data inputs, and all input-side synchronous control inputs, must meet setup and hold times with respect to the rising edge of WCLK. The input-side status flags are meaningful after specified time intervals, following a rising edge of WCLK. Conceptually, the WCLK input receives a free-running, periodic ‘clock’ waveform, which is used to control other signals which are edge-sensitive. However, there actually is not any absolute requirement that the WCLK waveform must be periodic. An ‘asynchronous’ mode of operation is in fact possible, if WEN is continuously asserted (that is, is continuously held LOW), and WCLK receives ape- riodic ‘clock’ pulses of suitable duration. There likewise is no requirement that WCLK must have any particular synchronization relation to the read clock RCLK. These two clock inputs may in fact receive the same ‘clock’ signal; or they may receive totally-different signals, which are not synchronized to each other in any way. WRITE ENABLE (WEN) Whenever WEN is being asserted (is LOW) and LD is HIGH, and the FIFO is not full, an 18-bit data word is loaded into the effective input register for the memory array at every WCLK rising edge (LOW-to-HIGH transi- tion). Data words are stored into the two-port memory array sequentially, regardless of any ongoing read opera- tion. Whenever WEN is not being asserted (is HIGH), the input register retains whatever data word it contained previously, and no new data word gets loaded into the memory array. To prevent overrunning the internal FIFO boundaries, further write operations are inhibited whenever the Full Flag (FF) is being asserted (is LOW). If a valid read operation then occurs, upon the completion of that read cycle FF again goes HIGH after a time tWFF, and another write operation is allowed to begin whenever WCLK makes another LOW-to-HIGH transition. Effectively, WEN is overridden by FF; thus, during normal FIFO operation, WEN has no effect when the FIFO is full. In the Enhanced Operating Mode, whenever EMODE is being asserted (is LOW), WXI/WEN2 func- tions as WEN2, an additional duplicate (albeit asser- tive-HIGH) write-enable input, in order to provide an‘interlocking’ mechanism for reliable synchro- nization of two paralleled FIFOs. To control writing, WEN2 is ANDed with WEN; this logic-AND function (WEN ••••••• • WEN2) then behaves like WEN in the forego- ing description. DESCRIPTION OF SIGNALS AND OPERATING SEQUENCES (cont’d) BOLD ITALIC = Enhanced Operating Mode 512 x 18/1024 x 18 Synchronous FIFO LH540215/25 15 |
Similar Part No. - LH540215 |
|
Similar Description - LH540215 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |