Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 14 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 14 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 10Page - Sharp Corporation LH540215 Datasheet HTML 11Page - Sharp Corporation LH540215 Datasheet HTML 12Page - Sharp Corporation LH540215 Datasheet HTML 13Page - Sharp Corporation LH540215 Datasheet HTML 14Page - Sharp Corporation LH540215 Datasheet HTML 15Page - Sharp Corporation LH540215 Datasheet HTML 16Page - Sharp Corporation LH540215 Datasheet HTML 17Page - Sharp Corporation LH540215 Datasheet HTML 18Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 48 page
background image
Table 5. Control-Register Format
COMMAND
REGISTER
BITS
CODE
VALUE AFTER RESET
FLAG
AFFECTED,
IF ANY
DESCRIPTION
NOTES
EMODE = H
EMODE = L
00
L
LH
Deassertion of LD does not
reset the programmable-
register write pointer and
read pointer.
IDT-compatible addressing
of programmable registers.
H
Deassertion of LD resets
the programmable-register
write pointer and read
pointer to address Word 0,
the Programmable-Almost-
Empty-Flag-Offset Register.
The change takes effect
after a valid write operation
or a valid read operation,
respectively, to the memory
array.
Non-ambiguous
addressing of
programmable registers.
01
L
LH
PAE
Set by
↑RCLK, reset by
↑WCLK.
Asynchronous flag
clocking.
H
Set and reset by
↑RCLK.
Synchronous flag clocking.
03, 02
LL
LL
HH
HF
Set by
↑WCLK, reset by
↑RCLK.
Asynchronous flag
clocking.
LH
Set and reset by
↑RCLK.
Synchronous flag clocking
at output port.
HL,
Set and reset by
↑WCLK.
Synchronous flag clocking
at input port.
HH
04
L
L
H
PAF
Set by
↑WCLK, reset by
↑RCLK.
Asynchronous flag
clocking.
H
Set and reset by
↑WCLK.
Synchronous flag clocking.
05
L
LH
OE has no effect on an
internal read operation,
apart from disabling the
outputs.
Allows the read-address
pointer to advance even
when Q0 – Q17 are not
driving the output bus.
H
Deassertion of OE inhibits
a read operation; whenever
the data outputs Q0 – Q17
are in the high-Z state, the
read pointer does not
advance.
Inhibits the read-address
pointer from advancing
when Q0 – Q17 are not
driving the output bus;
thus, guards against data
loss.
06
L
LL
Reserved.
Future use to control depth
cascading and interlocked
paralleling.
H
11, 10,
09, 08, 07
LLLLL
LLLLL
LLLLL
Reserved.
Reserved.
NOTES:
1. When EMODE is HIGH, and Control Register bits 00-05 are LOW, the FIFO behaves in a manner functionally equivalent to the
IDT72215B/25B FIFO of similar depth and speed grade. Under these conditions, the
Control Register is not visible or accessible to the ex-
ternal system which includes the FIFO.
2. If EMODE is not asserted (is HIGH), Control Register bits 00-05 remain LOW after a reset operation. However, if EMODE is asserted (is
LOW) during a reset operation, Control Register bits 00-05 are forced HIGH, and remain HIGH until changed. Control Register bits
06-11 are unaffected by EMODE.
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
14


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com