Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 13 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 13 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 9Page - Sharp Corporation LH540215 Datasheet HTML 10Page - Sharp Corporation LH540215 Datasheet HTML 11Page - Sharp Corporation LH540215 Datasheet HTML 12Page - Sharp Corporation LH540215 Datasheet HTML 13Page - Sharp Corporation LH540215 Datasheet HTML 14Page - Sharp Corporation LH540215 Datasheet HTML 15Page - Sharp Corporation LH540215 Datasheet HTML 16Page - Sharp Corporation LH540215 Datasheet HTML 17Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 48 page
background image
Table 4. Status Flags
NUMBER OF UNREAD DATA WORDS PRESENT WITHIN FIFO
1, 2
FULL
FLAG
MIDDLE FLAGS
EMPTY
FLAG
512
× 18 FIFO
1024
× 18 FIFO
FF
PAF
HF
PAE
EF
0
0
HHH
L
L
1 to q
1 to q
H
H
H
L
H
(q + 1) to 256
(q + 1) to 512
HHHH
H
257 to (512 – (p + 1))
513 to (1024 – (p + 1))
H
H
L
H
H
(512 – p) to 511
(1024 – p) to 1023
H
L
L
H
H
512
1024
L
L
L
H
H
NOTES:
1.
q = Programmable-Almost-Empty Offset value. (Default values: 512
× 18, q = 63; 1024 × 18, q = 127.)
2.
p = Programmable-Almost-Full Offset value. (Default values: 512
× 18, p = 63; 1024 × 18, p = 127.)
3.
Only 9 (512
× 18) or 10 (1024 × 18) of the 12 offset-value-register bits should be programmed. The unneeded most-significant-end bits should
be LOW (zero).
4.
The flag output is delayed by one full clock cycle in Enhanced Operating Mode, when synchronous operation is specified for intermediate flags.
DESCRIPTION OF SIGNALS AND OPERATING SEQUENCES (cont’d)
BOLD ITALIC = Enhanced Operating Mode
512 x 18/1024 x 18 Synchronous FIFO
LH540215/25
13


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com