Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 12 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 12 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 8Page - Sharp Corporation LH540215 Datasheet HTML 9Page - Sharp Corporation LH540215 Datasheet HTML 10Page - Sharp Corporation LH540215 Datasheet HTML 11Page - Sharp Corporation LH540215 Datasheet HTML 12Page - Sharp Corporation LH540215 Datasheet HTML 13Page - Sharp Corporation LH540215 Datasheet HTML 14Page - Sharp Corporation LH540215 Datasheet HTML 15Page - Sharp Corporation LH540215 Datasheet HTML 16Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 48 page
background image
Table 3. Selection of Read and Write Operations
LD
WEN
3,4
REN
3, 4
WCLK
RCLK
ACTION
LX
X
No operation.
LL
L
∧∧
Illegal combination, which will cause errors.
LL
H
X
Write to a programmable register.
1
LH
H
X
Hold present value of programmable-register write counter, and do not
write.
2
LH
L
X
Read from a programmable register.
1
LH
H
X
Hold present value of programmable-register read counter, and do not
read.
2
HL
X
X
Normal FIFO write operation.
H
XLX
Normal FIFO read operation.
H
L
X
X
No write operation.
H
HXX
X
No write operation.
H
X
L
X
No read operation.
H
X
H
X
X
No read operation.
H
L
L
No operation.
KEY:
H = Logic ‘HIGH’;
L = Logic ‘LOW’;
X = ‘Don’t-care’ (logic ‘HIGH,’ logic ‘LOW,’ or any transition);
∧ = A ‘LOW’-to-‘HIGH’ transition; – = Any condition EXCEPT a ‘LOW’-to-‘HIGH’ transition.
NOTES:
1.
The selection of a programmable register to be written or read is controlled by two simple state machines. One state machine controls the se-
lection for writing; the other state machine controls the selection for reading. These two state machines operate independently of each other.
Both state machines are reset to point to Word 0 by a reset operation.
In the Enhanced Operating Mode, if Control Register bit 00 is set,
both state machines are also reset to point to Word 0 by deassertion of LD after LD has been asserted (that is, by a rising edge of
LD), followed by a valid memory array write cycle for the writing-control state machine and/or by a valid memory array read cycle
for the reading-control state machine.
2.
The order of the two programmable registers which are accessible in IDT-Compatible Operating Mode, as selected by either state machine, is
always:
Word 0: Almost-Empty Offset Register
Word 1: Almost-Full Offset Register
Word 0: Almost-Empty Offset Register
...
(repeats indefinitely)
...
The order of the three programmable registers which are accessible in Enhanced Operating Mode, as selected by either state
machine, is always:
Word 0: Almost-Empty Offset Register
Word 1: Almost-Full Offset Register
Word 2: Control Register
Word 0: Almost-Empty Offset Register
(repeats indefinitely)
Note that, in IDT-Compatible Operating Mode, Word 2 is not accessed; Word 0 and Word 1 alternate.
3.
After normal FIFO operation has begun, writing new contents into either of the offset registers should only be done when the FIFO is empty.
4. WEN2, REN2, and OE may be ANDed terms in the enabling of read and write operations, according to the state of the EMODE control
input and of Control Register Bit 05.
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
12


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com