Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 11 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 11 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 7Page - Sharp Corporation LH540215 Datasheet HTML 8Page - Sharp Corporation LH540215 Datasheet HTML 9Page - Sharp Corporation LH540215 Datasheet HTML 10Page - Sharp Corporation LH540215 Datasheet HTML 11Page - Sharp Corporation LH540215 Datasheet HTML 12Page - Sharp Corporation LH540215 Datasheet HTML 13Page - Sharp Corporation LH540215 Datasheet HTML 14Page - Sharp Corporation LH540215 Datasheet HTML 15Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 48 page
background image
DESCRIPTION OF SIGNALS AND
OPERATING SEQUENCES
Table 1. Grouping-Mode Determination
During a Reset Operation
5
EMODE
WXI/
WEN2
RXI/
REN2
FL/
RT
MODE
WXO/HF
USAGE
WXI/
WEN2
USAGE
RXI/
REN2
USAGE
FL/
RT
USAGE
RXO
/EF2
USAGE
H 1
HH
H
Cascaded
Slave 2
WXO
WXI
RXI
FL
RXO
H 1
HH
L
Cascaded
Master
2
WXO
WXI
RXI
FL
RXO
H
HL
X
(Reserved)
–––––
H
LH
X
(Reserved)
–––––
H
LL
H 3
(Not Allowed
During Reset)
(HF)
(none)
(none)
(RT)
(none)
H
LL
L 3
Standalone
HF
(none)
(none)
RT
(none)
LX
X
H 3
(Not Allowed
During Reset)
(HF)
(WEN2)
(REN2)
(RT)
(EF2)
LX
X
L 3
Interlocked
Paralleled 4
HF
WEN2
REN2
RT
EF2
NOTES:
1.
In IDT-compatible cascading, a reset operation forces WXO/HF and RXO/
EF2 HIGH for the nth FIFO, thus forcing WXI/WEN2 and RXI/REN2
HIGH for the (n + 1)st FIFO.
2.
The terms ‘master’ and ‘slave’ refer to IDT-compatible cascading. In pipelined cascading4, there is no such distinction.
3. Once grouping mode has been determined during a reset operation, FL/RT then may go HIGH to activate a retransmit operation.
4. EMODE must be asserted for access to the Control Register to be enabled. Also, FIFOs being used in a pipelined-cascading
configuration should be in Interlocked Paralleled mode.
5.
Setup-time and recovery-time specifications apply during a reset operation.
6.
H = HIGH; L = LOW; X = Don’t Care.
Table 2. Expansion-Pin Usage According to
Grouping Mode
I/O
PIN
IDT-COMPATIBLE OPERATING MODE
ENHANCED
OPERATING MODE
DEPTH-CASCADED
MASTER
DEPTH-CASCADED
SLAVE
STANDALONE
INTERLOCKED
PARALLELED
I
WXI /
WEN2
From WXO ((n-1)st FIFO)
From WXO ((n-1)st FIFO)
Grounded
From FF (other FIFO)
O
WXO/HF
To WXI ((n+1)st FIFO)
To WXI ((n+1)st FIFO)
Becomes HF
Becomes HF
I
RXI/
REN2
From RXO ((n-1)st FIFO)
From RXO ((n-1)st FIFO)
Grounded
From EF (other FIFO)
O
RXO
/EF2
To RXI ((n+1)st FIFO)
To RXI ((n+1)st FIFO)
Unused
Becomes EF2
I
FL/
RT
Grounded (Logic LOW)
Logic HIGH
Becomes RT
1
Becomes RT
1
NOTE:
1.
FL/
RT may be grounded if the Retransmit facility is not being used.
BOLD ITALIC = Enhanced Operating Mode
512 x 18/1024 x 18 Synchronous FIFO
LH540215/25
11


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com