Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 6Page - Sharp Corporation LH540215 Datasheet HTML 7Page - Sharp Corporation LH540215 Datasheet HTML 8Page - Sharp Corporation LH540215 Datasheet HTML 9Page - Sharp Corporation LH540215 Datasheet HTML 10Page - Sharp Corporation LH540215 Datasheet HTML 11Page - Sharp Corporation LH540215 Datasheet HTML 12Page - Sharp Corporation LH540215 Datasheet HTML 13Page - Sharp Corporation LH540215 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 48 page
background image
AC ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
–20
–25
-35
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
fCC
Clock Cycle Frequency
50
40
28.6
tA
Data Access Time
2
12
3
15
3
20
tCLK
Clock Cycle Time
20
25
35
tCLKH
Clock HIGH Time
8
10
14
tCLKL
Clock LOW Time
8
10
14
tDS
Data Setup Time
5
6
7
tDH
Data Hold Time
2
2
2
tENS
Enable Setup Time
5
6
7
tENH
Enable Hold Time
2
2
2
tRS
Reset Pulse Width
1
20
25
35
tRSS
Reset Setup Time
2
12
15
20
tRSR
Reset Recovery Time
2
12
15
20
tRSF
Reset to Flag and Output Time
30
35
40
tOLZ
Output Enable to Output in Low-Z
2
000
tOE
Output Enable to Output Valid
9
12
15
tOHZ
Output Enable to Output in High-Z
2
19
1
12
1
15
tWFF
Write Clock to Full Flag
12
15
20
tREF
Read Clock to Empty Flag
12
15
20
tPAF
Clock to Programmable Almost-Full Flag (IDT-Compatible Operating
Mode)
14
17
23
tPAE
Clock to Programmable Almost-Empty Flag (IDT-Compatible
Operating Mode)
14
17
23
tHF
Clock to Half-Full Flag (IDT-Compatible Operating Mode)
14
17
23
tPAFS
Clock to Programmable Almost-Full Flag
(Enhanced Operating Mode)
14
17
23
tPAES
Clock to Programmable Almost-Empty Flag
(Enhanced Operating Mode)
14
17
23
tHFS
Clock to Half-Full Flag (Enhanced Operating Mode)
14
17
23
tXO
Clock to Expansion-Out
12
15
20
tXI
Expansion-In Pulse Width
7
9
13
tXIS
Expansion-In Setup Time
7
9
14
tSKEW1
Skew Time Between Read Clock and Write Clock for Full Flag
3
911
16
tSKEW2
Skew Time Between Write Clock and Read Clock for Empty Flag
4
911
16
NOTES:
1.
Pulse widths less than the stated minimum values may cause incorrect operation.
2.
Values are guaranteed by design; not currently tested.
3.
These times also apply to the Programmable-Almost-Full and Half-Full flags when they are synchronized to WCLK.
4.
These times also apply to the Half-Full and Programmable-Almost-Empty flags when they are synchronized to RCLK.
BOLD ITALIC = Enhanced Operating Mode
LH540215/25
512 x 18/1024 x 18 Synchronous FIFO
10


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
   CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
   PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
   BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
   512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
[Old version datasheet]   512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
   1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
   3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
   256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com