Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540215 Datasheet(PDF) 9 Page - Sharp Corporation

Part # LH540215
Description  512 x 18 / 1024 x 18 Synchronous FIFO
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540215 Datasheet(HTML) 9 Page - Sharp Corporation

Back Button LH540215 Datasheet HTML 5Page - Sharp Corporation LH540215 Datasheet HTML 6Page - Sharp Corporation LH540215 Datasheet HTML 7Page - Sharp Corporation LH540215 Datasheet HTML 8Page - Sharp Corporation LH540215 Datasheet HTML 9Page - Sharp Corporation LH540215 Datasheet HTML 10Page - Sharp Corporation LH540215 Datasheet HTML 11Page - Sharp Corporation LH540215 Datasheet HTML 12Page - Sharp Corporation LH540215 Datasheet HTML 13Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 48 page
background image
ABSOLUTE MAXIMUM RATINGS
PARAMETER
RATING
Supply Voltage to VSS Potential
– 0.5 V to 7 V
Signal Pin Voltage to VSS Potential
– 0.5 V to VCC + 0.5 V
DC Output Current
1
±75 mA
Temperature Range with Power Applied
2
–55
°C to 125°C
Storage Temperature Range
– 65
°C to 150°C
Power Dissipation (PLCC Package Limit)
2 W
NOTES:
1.
Only one output may be shorted at a time, for a period not exceeding 30 seconds.
2.
Measured with clocks idle.
OPERATING RANGE
SYMBOL
PARAMETER
MIN.
MAX.
UNIT
TA
Temperature, Ambient
070
C
VCC
Supply Voltage
4.5
5.5
V
VSS
Supply Voltage
0
0
V
VIL
Logic LOW Input Voltage
–0 .5
0.8
V
VIH
Logic HIGH Input Voltage
2.0
VCC + 0.5
V
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
MAX.
UNIT
ILI
Input Leakage
VCC = 5.5 V, VIN = 0 V to VCC
–10
10
µA
ILO
I/O Leakage
OE
≥ VIH, 0 V ≤ VOUT ≤ VCC
–10
10
µA
VOH
Output HIGH Voltage
IOH = –12.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 16.0 mA
0.4
V
ICC
Average Operating Supply Current
1
Measured at fCC = 50 MHz
190
mA
ICC2
Average Standby Supply Current
All inputs = VIH MIN. (clocks idle)
25
mA
ICC3
Power-Down Supply Current
All inputs = VCC – 0.2 V (clocks idle)
1
mA
NOTE:
1.
Output load is disconnected.
AC TEST CONDITIONS
PARAMETER
RATING
Input Pulse Levels
VSS to 3 V
Input Rise and Fall Times
(10% to 90%)
3 ns
Input Timing Reference Levels
1.5 V
Output Timing Reference Levels
1.5 V
Output Load,
Timing Tests
(Figure 4)
R1 (Top Resistor)
1.1k
R2 (Bottom Resistor)
680
CL (Load Capacitance)
30 pF
CAPACITANCE
1, 2
PARAMETER
RATING
CIN (Input Capacitance) VIN = 0 V
8 pF
COUT (Output Capacitance) VOUT = 0 V
8 pF
NOTES:
1.
Sample tested only.
2.
Capacitances are maximum values at 25°C, measured at
1.0 MHz, with VIN = 0 V.
540215-3
DEVICE
UNDER
TEST
+5 V
30 pF
1.1 k
680
INCLUDES JIG AND SCOPE CAPACITANCES
*
*
Figure 4. Output Load Circuit
BOLD ITALIC = Enhanced Operating Mode
512 x 18/1024 x 18 Synchronous FIFO
LH540215/25
9


Similar Part No. - LH540215

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
CMOS 1024 x 9 Asynchronous FIFO
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540215

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72511 IDT-IDT72511 Datasheet
434Kb / 28P
PARALLEL BIDIRECTIONAL FIFO 512 x 18 & 1024 x 18
IDT72510 IDT-IDT72510 Datasheet
440Kb / 32P
BUS-MATCHING BIDIRECTIONAL FIFO 512 x 18-BIT . 1024 x 9-BIT 1024 x 18-BIT . 2048 x 9-BIT
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
Sharp Corporation
LH543611 SHARP-LH543611 Datasheet
475Kb / 57P
512 x 36 x 2 / 1024 x 36 x 2 Synchronous Bidirectional FIFO
logo
Texas Instruments
SN74V215 TI-SN74V215_06 Datasheet
590Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215_08 Datasheet
600Kb / 43P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
SN74V215 TI-SN74V215 Datasheet
555Kb / 40P
512 X 18, 1024 X 18, 2048 X 18, 4096 X 18 DSP-SYNC FIRST-IN, FIRST-OUT MEMORIES
logo
Sharp Corporation
LH543620 SHARP-LH543620 Datasheet
269Kb / 38P
1024 x 36 Synchronous FIFO
logo
Integrated Device Techn...
IDT72V205 IDT-IDT72V205 Datasheet
214Kb / 25P
3.3 VOLT CMOS SyncFIFO 256 x 18, 512 x 18, 1,024 x 18, 2,048 x 18, and 4,096 x 18
logo
Cypress Semiconductor
CY7C4205 CYPRESS-CY7C4205_11 Datasheet
689Kb / 25P
256/512/1K/4K x 18 Synchronous FIFOs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com