![]() |
Electronic Components Datasheet Search |
|
LH540203 Datasheet(PDF) 3 Page - Sharp Corporation |
|
|
LH540203 Datasheet(HTML) 3 Page - Sharp Corporation |
3 / 17 page ![]() OPERATIONAL DESCRIPTION Reset The LH540203 is reset whenever the Reset input (RS) is taken LOW. A reset operation initializes both the read- address pointer and the write-address pointer to point to location zero, the first physical memory location. During a reset operation, the state of the XI and FL/RT inputs determines whether the device is in standalone mode or in depth-cascaded mode. (See Tables 1 and 2.) The reset operation forces the Empty Flag EF to be asserted (EF = LOW), and the Half-Full Flag HF and the Full Flag FF to be deasserted (HF = FF = HIGH); the Data Out pins (D0 – D8) are forced into a high-impedance state. A reset operation is required whenever the LH540203 first is powered up. The Read (R) and Write (W) inputs may be in any state when the reset operation is initiated; but they must be HIGH, before the reset operation is terminated by a rising edge of RS, by a time tRRSS (for Read) or tWRSS (for Write) respectively. (See Figure 10.) Write A write cycle is initiated by a falling edge of the Write (W) control input. Data setup times and hold times must be observed for the data inputs (D0 – D8). Write opera- tions may occur independently of any ongoing read op- erations. However, a write operation is possible only if the FIFO is not full, (i.e., if the Full Flag FF is HIGH). At the falling edge of W for the first write operation after the memory is half filled, the Half-Full Flag is asserted (HF = LOW). It remains asserted until the difference between the write pointer and the read pointer indicates that the data words remaining in the LH540203 are filling the FIFO memory to less than or equal to one-half of its total capacity. The Half-Full Flag is deasserted (HF = HIGH) by the appropriate rising edge of R. (See Table 3.) The Full Flag is asserted (FF = LOW) at the falling edge of W for the write operation which fills the last available location in the FIFO memory array. FF = LOW inhibits further write operations until FF is cleared by a valid read operation. The Full Flag is deasserted (FF = HIGH) after the next rising edge of R releases another memory loca- tion. (See Table 3.) Read A read cycle is initiated by a falling edge of the Read (R) control input. Read data becomes valid at the data outputs (Q0 – Q8) after a time tA from the falling edge of R. After R goes HIGH, the data outputs return to a high-impedance state. Read operations may occur inde- pendently of any ongoing write operations. However, a read operation is possible only if the FIFO is not empty (i.e., if the Empty Flag EF is HIGH). The LH540203’s internal read-address and write- address pointers operate in such a way that consecutive read operations always access data words in the same order that they were written. The Empty Flag is asserted (EF = LOW) after that falling edge of R which accesses the last available data word in the FIFO memory. EF is deasserted (EF = HIGH) after the next rising edge of W loads another valid data word. (See Table 3.) Data Flow-Through Read-data flow-through mode occurs when the Read (R) control input is brought LOW while the FIFO is empty, and is held LOW in anticipation of a write cycle. At the end of the next write cycle, the Empty Flag EF momentarily is deasserted, and the data word just written becomes available at the data outputs (Q0 – Q8) after a maxi- mum time of tWEF + tA.Additional write operations may occur while the R input remains LOW; but only data from the first write operation flows through to the data outputs. Additional data words, if any, may be accessed only by toggling R. Write-data flow-through mode occurs when the Write (W) input is brought LOW while the FIFO is full, and is held LOW in anticipation of a read cycle. At the end of the read cycle, the Full Flag momentarily is deasserted, but then immediately is reasserted in response to W being held LOW. A data word is written into the FIFO on the rising edge of W, which may occur no sooner than tRFF + tWPW after the read operation. PIN DESCRIPTIONS PIN PIN TYPE 1 DESCRIPTION D0 – D8 I Input Data Bus Q0 – Q8 O/Z Output Data Bus W I Write Request R I Read Request EF O Empty Flag FF O Full Flag PIN PIN TYPE 1 DESCRIPTION XO/HF O Expansion Out/Half-Full Flag XI I Expansion In FL/RT I First Load/Retransmit RS I Reset VCC V Positive Power Supply VSS V Ground NOTE: 1. I = Input, O = Output, Z = High-Impedance, V = Power Voltage Level CMOS 2048 × 9 Asynchronous FIFO LH540203 3 |
Similar Part No. - LH540203 |
|
Similar Description - LH540203 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |