Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540203 Datasheet(PDF) 8 Page - Sharp Corporation

Part # LH540203
Description  CMOS 2048 x 9 Asynchronous FIFO
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540203 Datasheet(HTML) 8 Page - Sharp Corporation

Back Button LH540203 Datasheet HTML 4Page - Sharp Corporation LH540203 Datasheet HTML 5Page - Sharp Corporation LH540203 Datasheet HTML 6Page - Sharp Corporation LH540203 Datasheet HTML 7Page - Sharp Corporation LH540203 Datasheet HTML 8Page - Sharp Corporation LH540203 Datasheet HTML 9Page - Sharp Corporation LH540203 Datasheet HTML 10Page - Sharp Corporation LH540203 Datasheet HTML 11Page - Sharp Corporation LH540203 Datasheet HTML 12Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
ABSOLUTE MAXIMUM RATINGS
1
PARAMETER
RATING
Supply Voltage to VSS Potential
–0.5 V to 7 V
Signal Pin Voltage to VSS Potential
2
–0.5 V to VCC + 0.5 V (not to exceed 7 V)
DC Output Current 3
± 50 mA
Storage Temperature Range
–65oC to 150oC
Power Dissipation (Package Limit)
1.0 W
DC Voltage Applied to Outputs In High-Z State
–0.5 V to VCC + 0.5 V (not to exceed 7 V)
NOTES:
1.
Stresses greater than those listed under ‘Absolute Maximum Ratings’ may cause permanent damage to the device.
This is a stress rating for transient conditions only. Functional operation of the device at these or any other conditions
outside of those indicated in the ‘Operating Range’ of this specification is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect reliability.
2.
Negative undershoots of 1.5 V in amplitude are permitted for up to 10 ns once per cycle.
3.
Outputs should not be shorted for more than 30 seconds. No more than one output should be shorted at any time.
OPERATING RANGE
SYMBOL
PARAMETER
MIN
MAX
UNIT
TA
Temperature, Ambient
070
°C
VCC
Supply Voltage
4.5
5.5
V
VSS
Supply Voltage
00
V
VIL
Logic LOW Input Voltage
1
–0 .5
0.8
V
VIH
Logic HIGH Input Voltage
2.0
VCC + 0.5
V
NOTE:
1.
Negative undershoots of 1.5 V in amplitude are permitted for up to 10 ns once per cycle.
DC ELECTRICAL CHARACTERISTICS (Over Operating Range)
SYMBOL
PARAMETER
TEST CONDITIONS
MIN
MAX
UNIT
ILI
Input Leakage Current
VCC = 5.5 V, VIN = 0 V to VCC
–10
10
µA
ILO
Output Leakage Current
R
≥ VIH, 0 V ≤ VOUT ≤ VCC
–10
10
µA
VOH
Output HIGH Voltage
IOH = –2.0 mA
2.4
V
VOL
Output LOW Voltage
IOL = 8.0 mA
0.4
V
ICC
Average Supply Current 1
Measured at f = 40 MHz
100
mA
ICC2
Average Standby Current 1
All Inputs = VIH
15
mA
ICC3
Power Down Current
1
All Inputs = VCC – 0.2 V
5mA
NOTE:
1.
ICC, ICC2, and ICC3 are dependent upon actual output loading and cycle rates. Specified values are with outputs open.
LH540203
CMOS 2048
× 9 Asynchronous FIFO
8


Similar Part No. - LH540203

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-25 SHARP-LH540203D-25 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-35 SHARP-LH540203D-35 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540203

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540202 SHARP-LH540202 Datasheet
156Kb / 18P
CMOS 1024 x 9 Asynchronous FIFO
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7203 IDT-IDT7203 Datasheet
147Kb / 14P
CMOS ASYNCHRONOUS FIFO 2048 x 9, 4096 x 9, 8192 x 9 and 16384 x 9
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
CMOS ASYNCHRONOUS FIFO 65,536 x 9
IDT72103 IDT-IDT72103 Datasheet
314Kb / 31P
CMOS PARALLEL-SERIAL FIFO 2048 x 9, 4096 x 9
IDT72131 IDT-IDT72131 Datasheet
126Kb / 13P
CMOS PARALLEL-TO-SERIAL FIFO 2048 X 9 4096 X 9
IDT72132 IDT-IDT72132 Datasheet
137Kb / 13P
CMOS SERIAL-TO-PARALLEL FIFO 2048 x 9 4096 x 9
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com