Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540202 Datasheet(PDF) 7 Page - Sharp Corporation

Part # LH540202
Description  CMOS 1024 x 9 Asynchronous FIFO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540202 Datasheet(HTML) 7 Page - Sharp Corporation

Back Button LH540202 Datasheet HTML 3Page - Sharp Corporation LH540202 Datasheet HTML 4Page - Sharp Corporation LH540202 Datasheet HTML 5Page - Sharp Corporation LH540202 Datasheet HTML 6Page - Sharp Corporation LH540202 Datasheet HTML 7Page - Sharp Corporation LH540202 Datasheet HTML 8Page - Sharp Corporation LH540202 Datasheet HTML 9Page - Sharp Corporation LH540202 Datasheet HTML 10Page - Sharp Corporation LH540202 Datasheet HTML 11Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
OPERATIONAL MODES (cont’d)
Compound FIFO Expansion
A combination of word-width expansion and depth
cascading may be implemented easily by operating
groups of depth-cascaded FIFOs in parallel.
Bidirectional FIFO Operation
Bidirectional data buffering between two systems may
be implemented by operating LH540202 devices in par-
allel, but in opposite directions. The Data In inputs of each
LH540202 are tied to the corresponding Data Out outputs
of another LH540202, which is operating in the opposite
direction, to form a single bidirectional bus interface. Care
must be taken to assure that the appropriate read, write,
and flag signals are routed to each system. Both word-
width expansion and depth cascading may be used in
bidirectional applications.
LH540202
DEPTH EXPANSION
BLOCK
LH540202
DEPTH EXPANSION
BLOCK
LH540202
DEPTH EXPANSION
BLOCK
Q0 - Q8
DATA OUT
DATA IN
R
W
RS
Q0 - QN-1
Q0 - Q17
540202-20
DN-9 - DN-1
D18 - DN-1
D9 - DN-1
D0 - DN-1
ARRAY STORES
N-BIT WORDS.
Q0 - QN-10
Figure 7. Compound FIFO Expansion
LH540202
LH540202
SYSTEM A
SYSTEM B
Qb0 - 8
Db0 - 8
Da0 - 8
Qa0 - 8
XI
Wb
Ra
EFa
HFa
RTa
RS
FFb
RTb
HFb
EFb
Rb
540202-21
XI
Wa
FFa
RS
Figure 8. Bidirectional FIFO Operation
(1024
× 9 × 2)
CMOS 1024
× 9 Asynchronous FIFO
LH540202
7


Similar Part No. - LH540202

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-25 SHARP-LH540203D-25 Datasheet
156Kb / 17P
   CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
   3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
   CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
   CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
   CMOS ASYNCHRONOUS FIFO 65,536 x 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
   CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
   CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
   CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
   CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com