Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LH540202 Datasheet(PDF) 10 Page - Sharp Corporation

Part # LH540202
Description  CMOS 1024 x 9 Asynchronous FIFO
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

LH540202 Datasheet(HTML) 10 Page - Sharp Corporation

Back Button LH540202 Datasheet HTML 6Page - Sharp Corporation LH540202 Datasheet HTML 7Page - Sharp Corporation LH540202 Datasheet HTML 8Page - Sharp Corporation LH540202 Datasheet HTML 9Page - Sharp Corporation LH540202 Datasheet HTML 10Page - Sharp Corporation LH540202 Datasheet HTML 11Page - Sharp Corporation LH540202 Datasheet HTML 12Page - Sharp Corporation LH540202 Datasheet HTML 13Page - Sharp Corporation LH540202 Datasheet HTML 14Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
AC ELECTRICAL CHARACTERISTICS
1 (Over Operating Range)
SYMBOL
PARAMETER
tA = 15 ns
tA = 20 ns
tA = 25 ns
tA = 35 ns
tA = 50 ns
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
READ CYCLE TIMING
tRC
Read Cycle Time
25
30
35
45
65
ns
tA
Access Time
15
20
25
35
50
ns
tRR
Read Recovery Time
10
10
10
10
15
ns
tRPW
Read Pulse Width
2
15–20
25–35–
50
ns
tRLZ
Data Bus Active from Read LOW
3
5–
5–5–5–
5–
ns
tWLZ
Data Bus Active from Write HIGH
3,4
10–10
10–10–
10
ns
tDV
Data Valid from Read Pulse HIGH
5
5–5–5–
5–
ns
tRHZ
Data Bus High-Z from Read HIGH
3
–15
15–15–15
20
ns
WRITE CYCLE TIMING
tWC
Write Cycle Time
25
30
35
45
65
ns
tWPW
Write Pulse Width
2
15–20
25–35–
50
ns
tWR
Write Recovery Time
10
10
10
10
15
ns
tDS
Data Setup Time
10
10
10
15
20
ns
tDH
Data Hold Time
0
0–0–0–
0–
ns
RESET TIMING
tRSC
Reset Cycle Time
25
30
35
45
65
ns
tRS
Reset Pulse Width
2
15–20
25–35–
50
ns
tRSR
Reset Recovery Time
10
10
10
10
15
ns
tRRSS
Read HIGH to RS HIGH
15–20
25–35–
50
ns
tWRSS
Write HIGH to RS HIGH
15
20
25
35
50
ns
RETRANSMIT TIMING
5
tRTC
Retransmit Cycle Time
25
30
35
45
65
ns
tRT
Retransmit Pulse Width
2
15–20
25–35–
50
ns
tRTR
Retransmit Recovery Time
10
10
10
10
15
ns
FLAG TIMING
tEFL
Reset LOW to Empty Flag LOW
25
30
35
45
65
ns
tHFH,FFH
Reset LOW to Half-Full and Full
Flags HIGH
–25
30–35–45
65
ns
tREF
Read LOW to Empty Flag LOW
15
20
25
35
45
ns
tRFF
Read HIGH to Full Flag HIGH
15
20
25
35
45
ns
tWEF
Write HIGH to Empty Flag HIGH
15
20
25
35
45
ns
tWFF
Write LOW to Full Flag LOW
15
20
25
35
45
ns
tWHF
Write LOW to Half-Full Flag LOW
15
20
25
35
45
ns
tRHF
Read HIGH to Half-Full Flag HIGH
–15
20–25–35
45
ns
EXPANSION TIMING
tXOL
Expansion Out LOW
–18
20–25–35
50
ns
tXOH
Expansion Out HIGH
18
20
25
35
50
ns
tXI
Expansion In Pulse Width
15
20
25
35
50
ns
tXIR
Expansion In Recovery Time
10
10
10
10
10
ns
tXIS
Expansion in Setup Time
7
10
–10–15–
15
ns
NOTES:
1.
All timing measurements are performed at ‘AC Test Condition’ levels.
2.
Pulse widths less than minimum value are not allowed.
LH540202
CMOS 1024
× 9 Asynchronous FIFO
10


Similar Part No. - LH540202

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
LH540203D SHARP-LH540203D Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-15 SHARP-LH540203D-15 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-20 SHARP-LH540203D-20 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
LH540203D-25 SHARP-LH540203D-25 Datasheet
156Kb / 17P
CMOS 2048X9 ASYNCHRONOUS FIFO
More results

Similar Description - LH540202

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72V01 IDT-IDT72V01 Datasheet
133Kb / 13P
3.3 VOLT CMOS ASYNCHRONOUS FIFO 512 x 9, 1024 x 9, 2048 x 9, 4096 x 9
logo
Sharp Corporation
LH540205 SHARP-LH540205 Datasheet
136Kb / 17P
CMOS 8192 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7207 IDT-IDT7207 Datasheet
148Kb / 12P
CMOS ASYNCHRONOUS FIFO 32,768 x 9
IDT7208 IDT-IDT7208 Datasheet
147Kb / 12P
CMOS ASYNCHRONOUS FIFO 65,536 x 9
logo
Sharp Corporation
LH540203 SHARP-LH540203 Datasheet
156Kb / 17P
CMOS 2048 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7280 IDT-IDT7280 Datasheet
142Kb / 12P
CMOS DUAL ASYNCHRONOUS FIFO DUAL 256 x 9, DUAL 512 x 9, DUAL 1024 x 9
logo
Sharp Corporation
LH540204 SHARP-LH540204 Datasheet
156Kb / 18P
CMOS 4096 x 9 Asynchronous FIFO
logo
Integrated Device Techn...
IDT7200L IDT-IDT7200L Datasheet
145Kb / 13P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9, 1,024 x 9
logo
List of Unclassifed Man...
IDT7202LA25SOI ETC2-IDT7202LA25SOI Datasheet
313Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
logo
Integrated Device Techn...
IDT7202 IDT-IDT7202 Datasheet
144Kb / 14P
CMOS ASYNCHRONOUS FIFO 256 x 9, 512 x 9 and 1,024 x 9
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com