Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8020 Datasheet(PDF) 14 Page - C&K Components

Part # 8020
Description  Snap-acting Momentary Pushbutton Switches
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

8020 Datasheet(HTML) 14 Page - C&K Components

Back Button 8020 Datasheet HTML 9Page - C&K Components 8020 Datasheet HTML 10Page - C&K Components 8020 Datasheet HTML 11Page - C&K Components 8020 Datasheet HTML 12Page - C&K Components 8020 Datasheet HTML 13Page - C&K Components 8020 Datasheet HTML 14Page - C&K Components 8020 Datasheet HTML 15Page - C&K Components 8020 Datasheet HTML 16Page - C&K Components 8020 Datasheet HTML 17Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
A-42
Dimensions are shown: Inches (mm)
Specifications and dimensions subject to change
www.ck-components.com
A
Third Angle
Projection
8020 Series
Snap-acting Momentary Pushbutton Switches
TERMINATIONS
PC MOUNTING
PC MOUNTING
.630
(16,00)
PC MOUNTING
V31
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V4, V9
VERTICAL MOUNT, V-BRACKET
V4, V9 VERTICAL MOUNT, V-BRACKET
V31
VERTICAL MOUNT, V-BRACKET, SNAP-IN
V3, V4, V9
VERTICAL MOUNT, V-BRACKET
V3, V31
.460 (11,68)
V4
.630 (16,00)
V9
1.150 (29,21)
DIM ‘A’
OPTION
CODE
V3, V31
.460 (11,68)
V4
.630 (16,00)
V9
1.150 (29,21)
DIM ‘A’
OPTION
CODE
V4
.630 (16,00)
V9
1.150 (29,21)
DIM ‘A’
OPTION
CODE
Not available with J8X actuators and I seal.
Not available with J8X actuators and I seal.
Not available with JXX actuators and I seal.
8121SD3__GE
SPDT
8221SD3__GE
DPDT
8321SD3V4GE
3PDT


Similar Part No. - 8020

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8020 FILTRAN-8020 Datasheet
149Kb / 1P
T1/E1 Extended Temperature Range SMD Single Transformers
logo
Sonardyne sound in dept...
8020 SONARDYNE-8020 Datasheet
160Kb / 2P
Navigation Controller Unit (NCU)
logo
NTE Electronics
8020 NTE-8020 Datasheet
57Kb / 1P
Radial Lead Thermal Cutoff
logo
C&K Components
8020 CK-COMPONENTS-8020 Datasheet
3Mb / 17P
Snap-acting Momentary Pushbutton Switches
2022
logo
Belden Inc.
8020 BELDEN-8020 Datasheet
149Kb / 2P
Bus Bar Wire, #20 Sol TC
01-20-2023
More results

Similar Description - 8020

ManufacturerPart #DatasheetDescription
logo
ITT Industries
8121SD9ABE223 ITT-8121SD9ABE223 Datasheet
2Mb / 17P
Snap-acting Momentary Pushbutton Switches
E121SD1ABE ITT-E121SD1ABE Datasheet
972Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
GREATECS
PB1M GREATECS-PB1M Datasheet
2Mb / 5P
Snap-Acting Pushbutton Switches (ON-MOM)
PB2 GREATECS-PB2 Datasheet
1,020Kb / 2P
Sealed Snap-Acting Pushbutton Switches
logo
C&K Components
E020 CK-COMPONENTS-E020 Datasheet
516Kb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
logo
E-SWITCH
700 E-SWITCH-700 Datasheet
525Kb / 6P
PUSHBUTTON SWITCHES - SNAP-ACTING
logo
List of Unclassifed Man...
1400N ETC-1400N Datasheet
147Kb / 3P
Momentary pushbutton switches - snap-in mounting - square plunger
SPC5064 ETC2-SPC5064 Datasheet
54Kb / 1P
Snap-Acting Momentary Pushbutton Switch
logo
C&K Components
8020 CK-COMPONENTS-8020_V01 Datasheet
3Mb / 17P
Snap-acting Momentary Pushbutton Switches
2022
E020 CK-COMPONENTS-E020_V01 Datasheet
1Mb / 8P
Sealed Snap-acting Momentary Pushbutton Switches
5 Aug 20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com